Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4170 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4170
Description  Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4170 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4170 Datasheet HTML 3Page - New Japan Radio NJW4170 Datasheet HTML 4Page - New Japan Radio NJW4170 Datasheet HTML 5Page - New Japan Radio NJW4170 Datasheet HTML 6Page - New Japan Radio NJW4170 Datasheet HTML 7Page - New Japan Radio NJW4170 Datasheet HTML 8Page - New Japan Radio NJW4170 Datasheet HTML 9Page - New Japan Radio NJW4170 Datasheet HTML 10Page - New Japan Radio NJW4170 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NJW4170
- 7 -
Ver.2016-01-25
POWER DISSIPATION vs. AMBIENT TEMPERATURE
(*5): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard size, 2Layers, Cu area 100mm
2)
(*6): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4Layers)
(For 4Layers: Applying 74.2×74.2mm inner Cu area and a thermal via hall to a board based on JEDEC standard JESD51-5)
(*7): Mounted on glass epoxy board. (101.5 114.5 1.6mm: based on EIA/JEDEC standard, 2Layers FR-4, with Exposed Pad)
(*8): Mounted on glass epoxy board. (101.5 114.5 1.6mm: based on EIA/JEDEC standard, 4Layers FR-4, with Exposed Pad)
(For 4Layers: Applying 99.5 99.5mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5)
TYPICALAPPLICATIONS
SW
GND
IN-
V+
NJW4170
EN/
SYNC
CFB
R2
COUT
L
SBD
VIN
CIN
R1
VOUT
EN/SYNC
High: ON
Low: OFF
(Standby)
0
500
1000
1500
2000
2500
3000
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
NJW4170U2 (SOT89-5 Package)
Power Dissipation vs. Ambient Temperature
(Tj=~150°C)
At on 4 layer PC Board (*6)
At on 2 layer PC Board (*5)
0
500
1000
1500
2000
2500
3000
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
NJW4170KV1 (DFN8-V1 Package)
Power Dissipation vs. Ambient Temperature
(Tj=~150°C)
At on 4 layer PC Board (*8)
At on 2 layer PC Board (*7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com