Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4814 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4814
Description  Dual H-Bridge Driver with Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4814 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4814 Datasheet HTML 3Page - New Japan Radio NJW4814 Datasheet HTML 4Page - New Japan Radio NJW4814 Datasheet HTML 5Page - New Japan Radio NJW4814 Datasheet HTML 6Page - New Japan Radio NJW4814 Datasheet HTML 7Page - New Japan Radio NJW4814 Datasheet HTML 8Page - New Japan Radio NJW4814 Datasheet HTML 9Page - New Japan Radio NJW4814 Datasheet HTML 10Page - New Japan Radio NJW4814 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NJW4814
- 7 -
Ver.2015-04-07
ELECTRICAL CHARACTERISTICS
General Characteristics
(Unless otherwise noted, VDD_SW=VSTBYb=VSHDNAb=VSHDNBb=3.7V, VDD_HB=25V, RT=100k , Ta=25 C)
INA1, INA2, INB1, INB2 pin, OUTA1, OUTA2, OUTB1, OUTB2 pin and SHDNAb, SHDNBb pin are common
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
STBYb pin High Voltage
(Operating Mode)
VIHSTBYb
1.0
–
VDD_SW
V
STBYb pin Low Voltage
(Standby Mode)
VILSTBYb
0
–
0.4
V
STBYb pin
Pull Down Resistance
RPDSTBYb
VSTBYb=3.3V
210
300
390
k
FLT pin
Low Level Output Voltage
VLFLT
IFLT=500 A
–
0.20
0.40
V
FLT pin OFF Leak Current
IOLEAKFLT
VFLT=5.5V
–
–
1
A
Quiescent Current
(Switching Regulator Block)
IQSW
No Load
–
1.9
2.8
mA
Quiescent Current
(H-Bridge Driver Block)
IQHB
fINA= fINB=10kHz
antiphase 50% Duty Cycle
–
1.0
2.0
mA
Quiescent Current
(Standby)
IQSTBY
VSTBYb=VSHDNb=0V
VDD_HB=0V,
–
1.6
3.6
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com