Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4841 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW4841
Description  1-channel Switching Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4841 Datasheet(HTML) 4 Page - New Japan Radio

  NJW4841 Datasheet HTML 1Page - New Japan Radio NJW4841 Datasheet HTML 2Page - New Japan Radio NJW4841 Datasheet HTML 3Page - New Japan Radio NJW4841 Datasheet HTML 4Page - New Japan Radio NJW4841 Datasheet HTML 5Page - New Japan Radio NJW4841 Datasheet HTML 6Page - New Japan Radio NJW4841 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJW4841
- 4 -
Ver.2015-02-27
 TIMING CHART
td_ON
10%
IN
OUT
90%
tr
90%
10%
tf
90%
10%
td_OFF
 TYPICALAPPLICATION
NJW4841
GND
VDD
IN
FET
V+
VDD
GND
OUT
IN
10
F
0.1
F
NJW4841
GND
VDD
IN
IGBT
V+
VDD
GND
OUT
IN
10
F
0.1
F
 APPLICATION TIPS
In the application that does a high-speed switching of NJW4841, because the current flow corresponds to the input
frequency, the substrate (PCB) layout becomes an important.
NJW4841 is driving the High-side/Low-side SW gate with high speed to reduce switching losses. The transient voltage
is generated by parasitic inductance and a high-speed current change of high side and low side SW.
You should attempt the transient voltage decrease by making a current loop area minimize as much as possible.
Therefore, you should make a current flowing line thick and short as much as possible.
You should insert a bypass capacitor between the VDD pin and the GND pin to prevent malfunction by transient
voltage and/or exceed maximum input voltage rating. The recommended bypass capacitor is low ESR and fine high
frequency characteristic (NJRC recommends 0.1
F or more).An aluminum electrolytic capacitor is recommended for
smoothing capacitor (NJRC recommends 10
F or more). However, you should use large capacitor by sufficient
evaluation (assessment) due to load condition and/or application use environment. (There is a possibility that the supply
voltage rises by inductive kickback when the supply current of the inductive load is large.) The bypass capacitors should
be connected as near as possible to the VDD pin.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com