Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7566R Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7566R
Description  24-BIT x 4-AXES QUADRATURE COUNTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7566R Datasheet(HTML) 6 Page - LSI Computer Systems

Back Button LS7566R_08 Datasheet HTML 2Page - LSI Computer Systems LS7566R_08 Datasheet HTML 3Page - LSI Computer Systems LS7566R_08 Datasheet HTML 4Page - LSI Computer Systems LS7566R_08 Datasheet HTML 5Page - LSI Computer Systems LS7566R_08 Datasheet HTML 6Page - LSI Computer Systems LS7566R_08 Datasheet HTML 7Page - LSI Computer Systems LS7566R_08 Datasheet HTML 8Page - LSI Computer Systems LS7566R_08 Datasheet HTML 9Page - LSI Computer Systems LS7566R_08 Datasheet HTML 10Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
A, the B and the INDX/ inputs. If a logic level at any of
these inputs remains stable for a minimum of two filter
clock periods, it is validated as a correct logic state.
The PCK input is common to all four axes, but the filter
clock frequency for any axis is set by its associated
MDR0 register.
In non-quadrature mode no filter clock is used and the
PCK input should be tied to either VDD or GND.
x0A (pin 24), x0B (Pin 25) Inputs. These are the A and B
count inputs in axis x0. These inputs can configured to
function either in quadrature mode or in non-quadrature
mode. The configuration is made through MDR0. In
quadrature mode, A and B clocks are 90 degrees out of
phase. When A leads B in phase, the CNTR counts up
and when B leads A in phase, the CNTR counts down.
In non-quadrature mode, A is the count input and B is the
count direction control input. When B is
high, positive
transitions at the A input causes the CNTR to count
up.
Conversely, when B is
low, the positive transition at the
A input causes the CNTR to count
down.
In quadrature mode, A and B inputs are sampled by an
internal filter clock generated from the PCK input. In non-
quadrature mode A and B inputs are not sampled and the
count clocks are applied to the CNTR bypassing the filter
circuit.
x1A (Pin 27), x1B (Pin 28), x2A (Pin 32), x2B (Pin33),
x3A (Pin 35), x3B (Pin36)
These are the A and B inputs corresponding to axes x1,
x2 and x3. Functionally, they are identical with the A and
B inputs of axis x0.
x0INDX/ (Pin 23) Input. The INDX/ input in axis x0. The
INDX/ input can be configured by MDR0 to function as
load_CNTR or reset_CNTR or load_OL input. In quad-
rature mode, the INDX/ input can be configured to func-
tion in either synchronous or asynchronous mode. In syn-
chronous mode, the INDX/ input is sampled with the
same filter clock used for sampling the A and the B inputs
and must satisfy the phase relationship with A and B in
which INDX/ is at the active level during a minimum of
quarter cycle of both A and B high or both A and B low.
In asynchronous mode the INDX/ input is not sampled
and can be applied in any phase relationship with respect
to the A and B inputs.
The INDX/ input can be either enabled or disabled in both
synchronous and asynchronous modes.
x1INDX/ (Pin 26), x2INDX/ (Pin 29), x3INDX/ (Pin 34)
These are the INDX inputs corresponding to axes x1, x2
and x3. Functionally, they are identical with the INDX
input of axis x0.
INT/ (Pin 45) Output
The INT/ output is the common interrupt output for all the
axes. When any of the ISR bits gets set, INT/ switches
low indicating an asserted interrupt. The axis generating
the interrupt can then be identified by reading the ISR
register.
x0FLGa (Pin 48) Output. The FLGa output in axis x0. The
FLGa output is configured by MDR1 register to function as
either Carry or Borrow or Compare or Index flag. A Carry
flag is generated when the CNTR overflows, a Borrow flag
is generated when the CNTR underflows and a Compare
flag is generated by the condition, CNTR=PR. When con-
figured as Index, the FLGb output switches low when the
INDX input is enabled and at active level. The FLGa can
be configured to produce outputs in either latched mode
or instantaneous mode. In the latched mode when the se-
lected event of Carry or Borrow or Compare or Index has
taken place, the FLGa switches low and remains low until
the status register, STR is cleared. In the instantaneous
mode a negative pluse is generated instantaneously when
the event takes place. The FLGa output can be disabled
to remain at a fixed logic high.
x1FLGa (Pin 46), x2FLGa (Pin 41), x3FLGa (Pin 39)
These outputs are the FLGa outputs corresponding to
axes x1, x2 and x3 respectively. Functionally, they are
identical with the FLGa output of axis x0.
x0FLGb (Pin 47) Output. The FLGb output in axis x0. The
FLGb output is configured by MDR1 to function as either
Sign or Up/Down status indicator.
When configured as Sign, the FLGb output remains high
when CNTR is in an underflow state (caused by down
counts at or below zero), indicating a negative number.
When the CNTR counts up past zero, FLGb switches low,
indicating a positive number.
When configured as Up/Down indicatior, a high at the
FLGb indicates that the current count direction is up (in-
cremental) whereas a low indicates that the direction is
down (decremental).
The FLGb output can be disabled to remain at a fixed
logic high.
x1FLGb (Pin42), x2FLGb (Pin 40) x3FLGb (Pin 38)
These are the FLGb outputs corresponding to axes x1, x2
and x3 respectively. Functionally, they are identical with
the FLGb output of x0.
7566R-041808-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com