Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7631 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7631
Description  TOUCH CONTROL HALOGEN LAMP DIMMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7631 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7631_05 Datasheet HTML 1Page - LSI Computer Systems LS7631_05 Datasheet HTML 2Page - LSI Computer Systems LS7631_05 Datasheet HTML 3Page - LSI Computer Systems LS7631_05 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIMING CHARACTERISTICS (See Figures 2, 3 and 4):
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
SYNC Frequency
fs
40
-
70
Hz
-
SHORT Touch
TSI
42
-
333
ms
60Hz
TSI
50
-
400
ms
50Hz
LONG Touch
TS2
342
-
infinite
ms
60Hz
TS2
410
-
infinite
ms
50Hz
TRIG pulse width
Tw
-
130.2
-
µs
60Hz
Tw
-
156.2
-
µs
50Hz
Conduction Angle
ø
41
-
158
deg
-
ø incremental steps
∆ø
-
1.4
-
deg
-
(Note 1)
Soft-on slew rate
SS
-
1.4
-
deg/8.33ms
60Hz
SS
-
1.4
-
deg/10ms
50Hz
A0 to A1/A2 to A0 slew rate
SAA
-
1.4
-
deg/33.3ms
60Hz
(Note 2)
SAA
-
1.4
-
deg/40ms
50Hz
A1 to B1/B2 to A2 slew rate
SBA
-
1.4
-
deg/66.7ms
60Hz
(Note 3)
SBA
-
1.4
-
deg/80ms
50Hz
B1 to B2 delay
TBD
-
500
-
ms
60Hz
(Note 4)
TBD
-
600
-
ms
50Hz
Note 1: Total nimber of steps = 83
Note 2: Number of steps from A0 to A1 or A2 to A0 = 68
Note 3: Number of steps from A1 to B1 or B2 to A2 =15
Note 4: ø is at minimum between B1 and B2. TBD is applicable for LS7631 only.
For LS7632 when minimum ø is reached, dimming direction reverses only if the LONG Touch is terminated and reapplied.
7631-120505-3
ø
TRIG
SYNC
T W
FIGURE 2. TRIG OUTPUT CONDUCTION ANGLE,
ø
150º
100º
50º
OFF
150º
100º
50º
OFF
150º
100º
50º
OFF
Ø
MODE Ø
Ø
MODE 1
Ø
MODE 2
SENS
TS1
TS2
342ms
SHORT
SHORT
LONG
SHORT
LONG
SHORT
LONG
A2
B2
B1
A1
A0
A2
B2
B1
A2
B2
B1
A1
A0
A0
A0
A1
A2
A2
SLOPE = SBA
MEMORY
REVERSE
REVERSE
SLOPE = Ss
SLOPES = SAA
FIGURE 3. LS7631 TRIG,
ø vs TOUCH (SENS OR EXT)
DISCUSSION: REPLACEMENT FOR SLB0587
There are minor design differences between LS7631 and SLB0587
requiring component value changes to the external application circuitry.
• The LS7631 SENS and EXT input switching levels differ from SLB0587.
This can require external input resistor ratios to be changed.
• The LS7631 PLL characteristics differ from the SLB0587. In order to
achieve optimum PLL stability, LS7631 requires a 0.02uF Filter Cap
connected between Pin 3 and VSS while SLB0587 requires a 100nF
Filter Cap with a series 330k Ohm resistor connected between
Pin 3 and VSS.
Adjusting the application circuit for these differences will result in LS7631
functioning the same as SLB0587.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com