Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM8334 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM8334
Description  8-Bit Addressable Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM8334 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM8334 Datasheet HTML 1Page - National Semiconductor (TI) DM8334 Datasheet HTML 2Page - National Semiconductor (TI) DM8334 Datasheet HTML 3Page - National Semiconductor (TI) DM8334 Datasheet HTML 4Page - National Semiconductor (TI) DM8334 Datasheet HTML 5Page - National Semiconductor (TI) DM8334 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
tPLH
Propagation Delay Time
Enable to
28
ns
Low to High Level Output
Output Fig 1
tPHL
Propagation Delay Time
Enable to
27
ns
High to Low Level Output
Output Fig 1
tPLH
Propagation Delay Time
Data to
35
ns
Low to High Level Output
Output Fig 2
tPHL
Propagation Delay Time
Data to
28
ns
High to Low Level Output
Output Fig 2
tPLH
Propagation Delay Time
Address to
35
ns
Low to High Level Output
Output Fig 3
tPHL
Propagation Delay Time
Address to
35
ns
High to Low Level Output
Output Fig 3
tPHL
Propagation Delay Time
Clear to
31
ns
High to Low Level Output
Output Fig 5
Function Tables
E
C
Mode
L
H
Addressable Latch
H
H
Memory
L
L
Active High Eight
Channel Demultiplexer
H
L
Clear
Inputs
Present Output States
Mode
C
E
DA0A1A2
Q0
Q1
Q2
Q3
Q4Q5
Q6
Q7
L
H
X
X
X
X
L
L
L
L
L
L
L
L
Clear
LLL
L
L
L
L
L
L
L
L
L
L
L
L
L
H
LLL
H
L
L
L
L
L
L
L
LLL
H
L
L
L
L
L
L
L
L
L
L
LL
H
H
L
L
L
H
L
L
L
L
L
L



Demultiplex






L
L
H
HHH
L
L
L
L
L
L
L
H
H
H
X
XXX
QNb1
Memory
H
L
L
LLL
L
QNb1
QNb1
QNb1
HLH
L
L
L
H
QNb1
QNb1
HL
L
H
L
L
QNb1
LQNb1
HLH
H
L
L
QNb1
HQNb1
Addressable



Latch






H
L
L
HHH
QNb1
QNb1
L
HLH
H
H
H
QNb1
QNb1
H
X e Don’t Care Condition
L e Low Voltage Level
H e High Voltage Level
QNb1 e Previous Output State
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com