Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49X0204BWIEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C49X0204BWIEX
Description  Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49X0204BWIEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C49X0204BWIEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.pericom.com PI6C49X0204B Rev A
07/20/15
PI6C49X0204B
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Supply Voltage, V
DD..................................... 4.6V
Inputs, V
I ................................. –0.5V to VDD +0.5V
Output, V
O ............................... –0.5V to VDDO +0.5V
Package Thermal Impedance, θ
JA ............ 112.7°C/W (0 lfpm)
Storage Temperature, T
STG ...................... -65°C to 150°C
ESD Protection (HBM).................................................... 2000V
Note:
Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional
operation of product at these conditions or any condi-
tions beyond those listed in the DC Characteristics or
AC Characteristics is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect product reliability.
Table 3A. Power Supply DC Characteristics, T
A = -45°C TO 85°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD
Core Supply Voltage
3.3V Operation
3.135
3.3
3.465
V
2.5V Operation
2.375
2.5
2.625
1.8V Operation
1.6
1.8
2.0
VDDO
Output Power Supply Voltage
3.3V Supply
3.135
3.3
3.465
V
2.5V Supply
2.375
2.5
2.625
1.8V Supply
1.6
1.8
2.0
1.5V Supply
1.425
1.5
1.575
I
DD
Power Supply Current
2
mA
I
DDO
Output Supply Current
25MHz
12
mA
200MHz
70
15-0078



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com