Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ1012-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CJ1012-G
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJ1012-G Datasheet(HTML) 2 Page - Comchip Technology

  CJ1012-G Datasheet HTML 1Page - Comchip Technology CJ1012-G Datasheet HTML 2Page - Comchip Technology CJ1012-G Datasheet HTML 3Page - Comchip Technology CJ1012-G Datasheet HTML 4Page - Comchip Technology CJ1012-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min
Max
Units
Drain-source breakdown voltage
700
VGS =0V , ID=250µA
Zero gate voltage drain current
Forward transconductance
Reverse transfer capacitance (note 4)
Input capacitance (note 4)
Turn-on delay time
Turn-off delay time
Rise time
Fall time
VDS =VGS , ID=250µA
VDS =16V , VGS=0V
VGS=4.5V , ID=600mA
VDS=10V , ID=400mA
V(BR) DSS
IDSS
RDS(on)
gFS
Coss
Crss
td(on)
tr
td(off)
tf
1.2
20
100
1
5
5
25
11
V
mΩ
S
nS
ciss
100
Page 2
MOSFET
Dynamic Characteristics
VGS=2.5V , ID=500mA
850
Output capacitance (note 4)
Typ
16
12
pF
On/Off States
Electrical Characteristics (at TA=25°C unless otherwise noted)
0.45
Gate-threshold voltage
VGS(th)
Gate
leakage current
-body
VDS =0V , VGS=±4.5V
IGSS
±1
µA
Drain-source on-state resistance
nA
Drain-source diode forward voltage (note 5)
IS=0.15A , VGS=0V
VSD
1.2
Drain-source diode characteristics
V
1. Repetitive rating: Pulse width limited by maximum junction temperature.
Notes:
2. This test is performed with no heat sink at Ta=25°C.
3. This test is performed with infinite heat sink at Tc=25°C.
4. These parameters have no way to verify.
Switching Times (note 4)
Total gate charge
Qg
750
nC
Gate-source charge
Qgs
75
Gate-drain charge
Qgd
225
VDS=16V , VGS=0V,
f=1MHZ
VDS=10V , VGS=4.5V,
ID=250mA
V
VDD=10V , ID=200mA
VGS=4.5V , RG=10Ω
RL=47Ω ,
5. Pulse test: Pulse width
≤300µs, Duty cycle≤0.5%.
REV:A
QW-BTR44
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com