Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQC3V3T-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDQC3V3T-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQC3V3T-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDQC3V3T-HF Datasheet HTML 1Page - Comchip Technology CPDQC3V3T-HF Datasheet HTML 2Page - Comchip Technology CPDQC3V3T-HF Datasheet HTML 3Page - Comchip Technology CPDQC3V3T-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
Comchip Technology CO., LTD.
REV:B
QW-G7068
Company reserves the right to improve product design , functions and reliability without notice.
RATING AND CHARACTERISTIC CURVES (CPDQC3V3T-HF)
1.5
6.5
-0.5
9.5
0.5
2.5 3.5 4.5 5.5
7.5 8.5
-5
0
5
10
15
20
Fig. 5 - Pin1 To Pin2
Voltage, (V)
Fig.6 - Pin2 To Pin1
-5
0
5
10
15
20
1.5
6.5
-0.5
9.5
0.5
2.5 3.5 4.5 5.5
7.5 8.5
Voltage, (V)
Fig.4 - Power Rating Derating Curve
Ambient Temperature, ( °C )
20
40
60
80
100
Mounting on glass epoxy PCBs
Fig.3 - Clamping Voltage Vs.
Peak Pulse Current
Peak Pulse Current, (A)
0
4
0
0
25
50
100
150
75
125
1
120
6
8
12
4
7
10
13
16
Waveform
Parameters:
tr=8us
td=20us
Fig.2 - Typical Capacitance Between
Terminals Characteristics
Reverse Voltage, (V)
10
12
14
16
25
0
1
2
3
4
18
Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
e-t
td= t Ipp/2
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us
20
Fig.1 - 8/20us Peak Pulse Current
Waveform ACC. IEC 61000-4-5
2
10
SMD ESD Protection Diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com