Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2S6.8UFS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # DF2S6.8UFS
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S6.8UFS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  DF2S6.8UFS Datasheet HTML 1Page - Toshiba Semiconductor DF2S6.8UFS Datasheet HTML 2Page - Toshiba Semiconductor DF2S6.8UFS Datasheet HTML 3Page - Toshiba Semiconductor DF2S6.8UFS Datasheet HTML 4Page - Toshiba Semiconductor DF2S6.8UFS Datasheet HTML 5Page - Toshiba Semiconductor DF2S6.8UFS Datasheet HTML 6Page - Toshiba Semiconductor DF2S6.8UFS Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DF2S6.8UFS
3
5.
5.
5.
5. Guaranteed ESD Protection (Note)
Guaranteed ESD Protection (Note)
Guaranteed ESD Protection (Note)
Guaranteed ESD Protection (Note)
Test Condition
IEC61000-4-2 (Contact discharge)
ESD Protection
±8 kV
Note:
Criterion: No damage to devices.
6.
6.
6.
6. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
7.
7.
7.
7. Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 SOD-923 (unit: mm)
SOD-923 (unit: mm)
SOD-923 (unit: mm)
SOD-923 (unit: mm)
Fig.
Fig.
Fig.
Fig. 7.2
7.2
7.2
7.2 fSC (unit: mm)
fSC (unit: mm)
fSC (unit: mm)
fSC (unit: mm)
2014-07-23
Rev.5.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com