Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2S6M4SL Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # DF2S6M4SL
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S6M4SL Datasheet(HTML) 5 Page - Toshiba Semiconductor

  DF2S6M4SL Datasheet HTML 1Page - Toshiba Semiconductor DF2S6M4SL Datasheet HTML 2Page - Toshiba Semiconductor DF2S6M4SL Datasheet HTML 3Page - Toshiba Semiconductor DF2S6M4SL Datasheet HTML 4Page - Toshiba Semiconductor DF2S6M4SL Datasheet HTML 5Page - Toshiba Semiconductor DF2S6M4SL Datasheet HTML 6Page - Toshiba Semiconductor DF2S6M4SL Datasheet HTML 7Page - Toshiba Semiconductor DF2S6M4SL Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DF2S6M4SL
5
8.
8.
8.
8. Clamp Voltage V
Clamp Voltage V
Clamp Voltage V
Clamp Voltage VC
C
C
C
- Peak Pulse Current (I
- Peak Pulse Current (I
- Peak Pulse Current (I
- Peak Pulse Current (IPP
PP
PP
PP
) (Note)
) (Note)
) (Note)
) (Note)
Fig.
Fig.
Fig.
Fig. 8.1
8.1
8.1
8.1 V
V
V
VC
C
C
C
- I
- I
- I
- IPP
PP
PP
PP
Fig.
Fig.
Fig.
Fig. 8.2
8.2
8.2
8.2 Based on IEC61000-4-5 8/20
Based on IEC61000-4-5 8/20
Based on IEC61000-4-5 8/20
Based on IEC61000-4-5 8/20 µ
µ
µ
µs pulse.
s pulse.
s pulse.
s pulse.
(Ed.2)
(Ed.2)
(Ed.2)
(Ed.2)
Fig.
Fig.
Fig.
Fig. 8.3
8.3
8.3
8.3 TLP
TLP
TLP
TLP
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
2016-03-25
Rev.1.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com