Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9602 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9602
Description  Dual Retriggerable, Resettable One Shots
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9602 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  9602 Datasheet HTML 1Page - National Semiconductor (TI) 9602 Datasheet HTML 2Page - National Semiconductor (TI) 9602 Datasheet HTML 3Page - National Semiconductor (TI) 9602 Datasheet HTML 4Page - National Semiconductor (TI) 9602 Datasheet HTML 5Page - National Semiconductor (TI) 9602 Datasheet HTML 6Page - National Semiconductor (TI) 9602 Datasheet HTML 7Page - National Semiconductor (TI) 9602 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Characteristics VCC e 5V TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
Conditions
Military
Commercial
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Negative Trigger Input
35
40
ns
Low-to-High Level Output
to True Output
tPHL
Propagation Delay Time
Negative Trigger Input
CL e 15 pF
43
48
ns
High-to-Low Level Output
To Complement Output
CX e 0
tPW(MIN) Minimum True Output
RX e 5kX
90
100
Pulse Width
ns
Minimum Complement
100
110
Pulse Width
tPW
Pulse Width
RX e 10 kX
308
376
308
376
m
s
CX e 1000 pF
CSTRAY
Maximum Allowable Wiring
Pins 2 14 to
50
50
pF
Capacitance
GND
RX
External Timing Resistor
5
25
5
50
kX
Logic Diagrams
TLF6611 – 2
Operating Rules
TLF6611 – 3
1 An external resistor (RX) and external capacitor (CX) are
required as shown in the Logic Diagram
2 The value of CX may vary from 0 to any necessary value
available If however the capacitor has leakages ap-
proaching 30 mA or if stray capacitance from either ter-
minal to ground is more than 50 pF the timing equations
may not represent the pulse width obtained
3 The output pulse with (t) is defined as follows
t e KRXCX 1 a
1
RX
( forCXl103pF
K
034
where
RX is in kX CX is in pF
tisinns
for CX k 103 pF see Figure 1
forKvsCX see Figure 6
4 If electrolytic type capacitors are to be used the following
three configurations are recommended
A Use with low leakage capacitors
The normal RC configuration can be used predictably
only if the forward capacitor leakage at 50V is less
than 3 mA and the inverse capacitor leakage at 10V is
less than 5 mA over the operational temperature
range
R k 06 RX (Max)
TLF6611 – 4
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com