Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3083F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP3083F
Description  Photocouplers GaAs Infrared LED and Photo Triac
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3083F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP3083F Datasheet HTML 1Page - Toshiba Semiconductor TLP3083F Datasheet HTML 2Page - Toshiba Semiconductor TLP3083F Datasheet HTML 3Page - Toshiba Semiconductor TLP3083F Datasheet HTML 4Page - Toshiba Semiconductor TLP3083F Datasheet HTML 5Page - Toshiba Semiconductor TLP3083F Datasheet HTML 6Page - Toshiba Semiconductor TLP3083F Datasheet HTML 7Page - Toshiba Semiconductor TLP3083F Datasheet HTML 8Page - Toshiba Semiconductor TLP3083F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLP3083,TLP3083F
5
9.
9.
9.
9. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
Peak off-state current
Peak on-state voltage
Holding current
Critical rate of rise of off-state
voltage
Critical rate of rise of
commutating voltage (dv/dt)
Symbol
VF
IR
Ct
IDRM
VTM
IH
dv/dt
dv/dt(c)
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
VDRM = 800 V
ITM = 100 mA
Vin = 240 V, Ta = 25 
See Fig. 9.1
Vin = 60 Vrms, IT = 15 mA
See Fig. 9.1
Min
1.0
Typ.
1.15
30
10
1.7
0.6
2000
0.2
Max
1.3
10
1000
3.0
Unit
V
µA
pF
nA
V
mA
V/µs
Fig.
Fig.
Fig.
Fig. 9.1
9.1
9.1
9.1 dv/dt Test Circuit
dv/dt Test Circuit
dv/dt Test Circuit
dv/dt Test Circuit
10.
10.
10.
10. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Trigger LED current
Inhibit voltage
Inhibit current
Symbol
IFT
VIH
IIH
Note
Test Condition
VT = 6 V
IF = Rated IFT
IF = Rated IFT, VT=Rated VDRM
Min
Typ.
200
Max
5
20
600
Unit
mA
V
µA
11.
11.
11.
11. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to
output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60%
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
5000
Typ.
0.8
1014
10000
10000
Max
Unit
pF
Ω
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2 and 3 are shorted together, and pins 4 and 6 are
shorted together.
2016-02-03
Rev.5.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com