Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-011036-1413RI Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-011036-1413RI
Description  Ka-Band High Power Terminated SPDT PIN Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011036-1413RI Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-011036-1413RI Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011036-1413RI Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011036-1413RI Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011036-1413RI Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011036-1413RI Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ka-Band High Power Terminated SPDT PIN Switch
26 - 40 GHz
Rev. V7
MASW-011036
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
26 - 28 GHz
28 - 32 GHz
32 - 36 GHz
36 - 40 GHz
dB
—
0.80
0.70
0.70
1.5
—
1.0
—
—
Isolation2
26 - 28 GHz
28 - 32 GHz
32 - 36 GHz
36 - 40 GHz
dB
—
34
—
—
38
40
40
40
—
Input / Output Return Loss
On state
26 - 28 GHz
28 - 32 GHz
32 - 36 GHz
36 - 40 GHz
dB
—
13
—
—
20
20
20
12
—
RF1, 2 Return Loss, Off state
26 - 28 GHz
28 - 32 GHz
32 - 36 GHz
36 - 40 GHz
dB
—
7.5
—
—
8
10
18
18
—
Switching Speed-TON
50% DC to 90% RF
ns
—
30
—
Switching Speed-TOFF
50% DC to 10% RF
ns
—
21
—
Rise Time -TRISE
10% to 90% RF
ns
—
10
—
Fall Time - TFALL
90% to 10% RF
ns
—
8
—
CW Input Power3
-25 V @ +85°C
dBm
—
41.2
—
Reverse Bias Voltage3
—
V
-32
-15
-5
Reverse Bias Current3
-15 V
nA
—
25
—
Forward Bias Current4
+4 V
mA
—
25
—
Electrical Specifications:
Freq. = 28 - 30 GHz, TA = +25°C, +4 V @ +25 mA / -15 V @ 0 mA, Z0 = 50 Ω
2. Isolation defined with 1 port in low loss state.
3. Reverse bias voltage should be determined based on working conditions. For example, -25 V @ 41.2 dBm input power. For lower power
applications, a less negative voltage can be used. R. Caverly and G. Hiller, “Establishing the Minimum Reverse Bias for a P-I-N Diode in a
High Power Switch,” IEEE Transactions on Microwave Theory and Techniques, Vol.38, No.12, December 1990.
4. Forward bias voltage should be determined based on working conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com