Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # DR
Description  SUB-SUB MINIATURE SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

DR Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  DR Datasheet HTML 1Page - Cherry Semiconductor Corporation DR Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in mm
Rest position max. 5,0
with mushroom actuator
with pan-head actuator
Operating point 4,3 ±0,2
End position min. 2,95
Rest position max. 4,2
Operating point 3,5 ±0,2
End position min. 2,15
Terminals
Side definition
LH-side
RH-side
Drilling pattern for PCB terminals
0,6 x 0,5 mm, side and underside
Solder terminal
2,5 x 0,5 mm
PCB terminal 0,6 x 0,5 mm
PCB terminal 0,6 x 0,5 mm
RH-side with location pins
PCB terminal 0,6 x 0,5 mm
LH-side with location pins
51



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com