Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96L02 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 96L02
Description  Dual Retriggerable Resettable Monostable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

96L02 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  96L02 Datasheet HTML 1Page - National Semiconductor (TI) 96L02 Datasheet HTML 2Page - National Semiconductor (TI) 96L02 Datasheet HTML 3Page - National Semiconductor (TI) 96L02 Datasheet HTML 4Page - National Semiconductor (TI) 96L02 Datasheet HTML 5Page - National Semiconductor (TI) 96L02 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics VCC ea50V TA ea25 C
Symbol
Parameter
Conditions
96L02 (Mil)
DM96L02 (Com)
Units
Min
Max
Min
Max
tPLH
Propagation Delay I0toQ
VCC e 50V RX e 20 kX
75
80
ns
I1 to Q
CX e 0 CL e 15 pF
tPHL
Propagation Delay I0toQ
VCC e 50V RX e 20 kX
62
65
ns
I1 to Q
CX e 0 CL e 15 pF
tPLH
Propagation Delay CD to Q
VCC e 50V RX e 39 kX
100
ns
tPHL
CD to Q
CX e 1000 pF
Functional Block Diagram
TLF10203 – 3
Operation Notes
1 TRIGGERINGcan be accomplished by a positive-going
transition on pin 4 (12) or a negative-going transition on
pin 5 (11) Triggering begins as a signal crosses the input
VIL VIH threshold region this activates an internal latch
whose unbalanced cross-coupling causes it to assume a
preferred state As the latch output goes LOW it disables
the gates leading to the Q output and through an invert-
er turns on the capacitor discharge transistor The invert-
ed signal is also fed back to the latch input to change its
state and effectively end the triggering action thus the
latch and its associated feed-back perform the function of
a differentiator
The emitters of the latch transistors return to ground
through an enabling transistor which must be turned off
between successive triggers in order for the latch to pro-
ceed through the proper sequence when triggering is de-
sired Pin 5 (11) must be HIGH in order to trigger at pin 4
(12) conversely pin 4 (12) must be LOW in order to trig-
ger at pin 5 (11)
2 RETRIGGERINGIn a normal cycle triggering initiates a
rapid discharge of the external timing capacitor followed
by a ramp voltage run-up at pin 2 (14) The delay will time
out when the ramp voltage reaches the upper trigger
point of a Schmitt circuit causing the outputs to revert to
the quiescent state If another trigger occurs before the
ramp voltage reaches the Schmitt threshold the capaci-
tor will be discharged and the ramp will start again without
having disturbed the output The delay period can there-
fore be extended for an arbitrary length of time by insur-
ing that the interval between triggers is less than the de-
lay time as determined by the external capacitor and re-
sistor
3 NON-RETRIGGERABLE OPERATIONRetriggering can
be inhibited logically by connecting pin 6 (10) back to pin
4 (12) or by connecting pin 7 (9) back to pin 5 (11) Either
hook-up has the effect of keeping the latch-enabling tran-
sistor turned on during the delay period which prevents
the input latch from cycling as discussed above in the
section on triggering
4 OUTPUT PULSE WIDTHAn external resistor RX and an
external capacitor CX are required as shown in the func-
tional block diagram To minimize stray capacitance and
noise pickup RX and CX should be located as close as
possible to the circuit In applications which require re-
mote trimming of the pulse width as with a variable resis-
tor RX should consist of a fixed resistor in series with the
variable resistor the fixed resistor should be located as
close as possible to the circuit The output pulse width tw
is defined as follows where RX is in kX CX is in pF and
tw is in ns
tw e 033 RXCX (1 a 3RX) for CX t 103 pF
16 kX s RX s 220 kX for 0 Cto a75 C
20 kX s RX s 100 kX for b55 Cto a125 C
CX may vary from 0 to any value For pulse widths with CX
less than 103 pF see
Figure a
5 SETUP AND RELEASE TIMESThe setup times listed
below are necessary to allow the latch-enabling transistor
to turn off and the node voltages within the input latch to
stabilize thus insuring proper cycling of the latch when
the next trigger occurs The indicated release times
(equivalent to trigger duration) allow time for the input
latch to cycle and its signal to propagate
Input to Pin 5 (11)
TLF10203 – 4
Pin 4 (12) e L
Pin 3 (13) e H
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com