Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9601J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM9601J
Description  Retriggerable One Shot
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM9601J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM9601J Datasheet HTML 1Page - National Semiconductor (TI) DM9601J Datasheet HTML 2Page - National Semiconductor (TI) DM9601J Datasheet HTML 3Page - National Semiconductor (TI) DM9601J Datasheet HTML 4Page - National Semiconductor (TI) DM9601J Datasheet HTML 5Page - National Semiconductor (TI) DM9601J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6610
June 1989
9601DM9601 Retriggerable One Shot
General Description
These retriggerable one shots provide the designer with
four inputs two active high and two active low This permits
a choice of either leading-edge or trailing-edge triggering
independent of input transition times When input conditons
for triggering are met a new cycle starts and the external
capacitor is rapidly discharged and then allowed to charge
again The retriggerable feature allows for output pulse
widths to be expanded In fact a continuous true output can
be maintained by having an input cycle time which is shorter
than the output cycle time Retriggering may be inhibited by
tying the Q output to an active low input
Features
Y
High speed operationinput repetition rate l 10 MHz
Y
Flexibility of operationoptional retriggeringlock-out
capability
Y
Output pulse width range50 ns to %
Y
Leading or trailing edge triggering
Y
Complementary outputsinputs
Y
Input clamping diodes
Y
DTLTTL compatible logic levels
Y
Alternate MilitaryAerospace device (9601) is available
Contact a National Semiconductor Sales OfficeDistrib-
utor for specifications
Connection Diagram
Dual-In-Line Package
TLF6610 – 1
Order Number 9601DMQB 9601FMQB DM9601J DM9601W or DM9601N
See NS Package Number J14A N14A or W14B
Function Table
Inputs
Outputs
A1
A2
B1
B2
Q
Q
H e
High Logic Level
HH
X
X
L
H
L e
Low Logic Level
XX
L
X
L
H
X e
Either Low or
XX
X
L
L
H
High Logic Level
LX
H
H
L
H
u e Low to High Level
Transition
LX
u
H
v e High to Low Level
LX
H
u
Transition
XL
H
H
L
H
e
Positive Pulse
XL
u
H
e
Negative Pulse
XL
H
u
H
v
HH
vv
HH
v
HH
H
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM9601J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Pulse A Technitrol Comp...
DM9601 PULSE-DM9601 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
DM9601E ETC1-DM9601E Datasheet
603Kb / 58P
USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
More results

Similar Description - DM9601J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Littelfuse
KRD9 LITTELFUSE-KRD9 Datasheet
612Kb / 2P
Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062216
TSD94110SB LITTELFUSE-TSD94110SB Datasheet
204Kb / 1P
Time Delay Relays - Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062716
logo
MOSDESIGN SEMICONDUCTOR...
M1200A MOSDESIGN-M1200A Datasheet
145Kb / 2P
ON/OFF ONE SHOT
2012-01-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com