Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C48533-01LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C48533-01LE
Description  3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48533-01LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C48533-01LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48533-01LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48533-01LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48533-01LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48533-01LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C48533-01LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C48533-01LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PI6C48533-01
3.3V Low Skew 1-to-4
Differential/LVCMOS to LVPECL Fanout Buffer
2
Rev B
6/23/2015
Pin Description
Name
Pin #
Type
Description
VEE
1
P
ConnecttoNegativepowersupply
CLK_EN
2
I_PU
Synchronizingclockenable.Whenhigh,clockoutputsfollowclockinput.Whenlow,Qx
outputsareforcedlow,nQxoutputsareforcedhigh.LVCMOS/LVTTLlevelwith50KΩpull-up.
CLK_
SEL
3
I_PD
Clockselectinput.Whenhigh,selectsPCLKinput.Whenlow,selectsCLKinput.LVCMOS/
LVTTLlevelwith50KΩpull-down.
CLK
4
I_PD
Non-invertingdifferentialclockinput
nCLK
5
I_PU
Invertingdifferentialclockinput
PCLK
6
I_PD
Non-invertingdifferentialclockinput
nPCLK
7
I_PU
Invertingdifferentialclockinput
NC
8,9
Notconnected
VCC
10,13,
18
P
Connectto3.3V.
nQ3,
Q3
11,
12
O
Differentialoutputpair,LVPECLinterfacelevel.
nQ2,
Q2
14,
15
O
Differentialoutputpair,LVPECLinterfacelevel.
nQ1,
Q1
16,
17
O
Differentialoutputpair,LVPECLinterfacelevel.
nQ0,
Q0
19,
20
O
Differentialoutputpair,LVPECLinterfacelevel.
Note:
1. I=Input,O=Output,P=Powersupplyconnection,I_PD=Inputwithpulldown,I_PU=Inputwithpullup
Pin Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CIN
InputCapacitance
4
pF
R_pullup
InputPullupResistance
50
KΩ
R_pulldown
InputPulldownResistance
50
Control Input Function Table(1)
Inputs
Outputs
CLK_EN
CLK_SEL
Selected Source
Q0:Q3
nQ0:nQ3
0
0
CLK,nCLK
Diasbled:Low
Diasbled:High
0
1
PCLK,nPCLK
Disabled:Low
Disabled:High
1
0
CLK,nCLK
Enabled
Enabled
1
1
PCLK,nPCLK
Enabled
Enabled
Note:
1. AfterCLK_ENswitches,theclockoutputsaredisabledorenabledfollowingarisingandfallinginputclockedgeasshowbelow.
15-0084



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com