Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021B Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C49021B
Description  Low Power High Integration Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021B Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C49021B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49021B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49021B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49021B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49021B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49021B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49021B Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
www.pericom.com
03/31/15
All trademarks are property of their respective owners.
PI6C49021B
Low Power High Integration Clock Generator
and spread spectrum modulation.
8. Defined as the total variation of all crossing voltages of rising 100M+ and falling 100M–.
9. Refer to section 4.3.2.1 of the PCI Express Base Specification, Revision 1.1 for information regarding PPM considerations.
10. PPM refers to parts per million and is a DC absolute period accuracy specification. 1 PPM is 1/1,000,000th of 100 MHz exactly or 100 Hz. For 300 PPM there
is an error budget of 100Hz/PPM * 300 PPM = 30 kHz. The period is measured with a frequency counter with measurement window set at 100 ms or greater. With
spread spectrum turned off the error is less than ±300 ppm. With spread spectrum turned on there is an additional +2500 PPM nominal shift in maximum period
resulting from the -0.5% down spread.
Electrical Characteristics - 25MHz LVPECL outputs
Symbol
Parameter
Min
Typ
Max
Unit
TPERIOD
Cycle Time
-
40
-
ns
TDC
Duty Cycle
45
-
55
%
tr, tf
Rise/Fall Time (20%-80%)
0.3
-
0.6
ns
JRMS
RMS Jitter (12kHz-5 MHz)
-
-
2 (spur off) ps-RMS
Clock Tolerance (25MHz)
-50
-
+50
ppm
VOH
Output High Voltage
V
DD-1.4
V
DD-0.9
V
VOL
Output Low Voltage
V
DD-2.0
V
DD-1.7
Vswing
Peak to Peak Output Voltage Swing
0.6
1.0
15-0042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com