Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K56CT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K56CT
Description  MOSFETs Silicon N-Channel MOS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K56CT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K56CT Datasheet HTML 1Page - Toshiba Semiconductor SSM3K56CT Datasheet HTML 2Page - Toshiba Semiconductor SSM3K56CT Datasheet HTML 3Page - Toshiba Semiconductor SSM3K56CT Datasheet HTML 4Page - Toshiba Semiconductor SSM3K56CT Datasheet HTML 5Page - Toshiba Semiconductor SSM3K56CT Datasheet HTML 6Page - Toshiba Semiconductor SSM3K56CT Datasheet HTML 7Page - Toshiba Semiconductor SSM3K56CT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSM3K56CT
1
MOSFETs Silicon N-Channel MOS
SSM3K56CT
SSM3K56CT
SSM3K56CT
SSM3K56CT
Start of commercial production
2013-04
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Speed Switching
2.
2.
2.
2. Features
Features
Features
Features
(1)
1.5-V gate drive voltage.
(2)
Low drain-source on-resistance
: RDS(ON) = 235 mΩ (max) (@VGS = 4.5 V)
RDS(ON) = 300 mΩ (max) (@VGS = 2.5 V)
RDS(ON) = 480 mΩ (max) (@VGS = 1.8 V)
RDS(ON) = 840 mΩ (max) (@VGS = 1.5 V)
3.
3.
3.
3. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
CST3
1.Gate
2.Source
3.Drain
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Drain-source voltage
Gate-source voltage
Drain current (DC)
Drain current (pulsed)
Power dissipation
Channel temperature
Storage temperature
(Note 1)
(Note 1),(Note 2)
(Note 3)
Symbol
VDSS
VGSS
ID
IDP
PD
Tch
Tstg
Rating
20
±8
800
1600
500
150
-55 to 150
Unit
V
mA
mW
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Ensure that the channel temperature does not exceed 150.
Note 2: Pulse width (PW) ≤ 10 ms, duty ≤ 1%
Note 3: Mounted on an FR4 board.(25.4 mm × 25.4 mm × 1.6 mm, Cu Pad: 645 mm2)
2014-04-04
Rev.3.0


Similar Part No. - SSM3K56CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K56ACT TOSHIBA-SSM3K56ACT Datasheet
214Kb / 8P
MOSFETs Silicon N-Channel MOS
SSM3K56FS TOSHIBA-SSM3K56FS Datasheet
204Kb / 8P
High-Speed Switching
SSM3K56FS TOSHIBA-SSM3K56FS_14 Datasheet
203Kb / 8P
MOSFETs Silicon N-Channel MOS
SSM3K56MFV TOSHIBA-SSM3K56MFV Datasheet
202Kb / 8P
MOSFETs Silicon N-Channel MOS
More results

Similar Description - SSM3K56CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK8A25DA TOSHIBA-TK8A25DA Datasheet
234Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK13A25D TOSHIBA-TK13A25D Datasheet
234Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK12A65D TOSHIBA-TK12A65D Datasheet
268Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK70J20D TOSHIBA-TK70J20D Datasheet
231Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
SSM6N55NU TOSHIBA-SSM6N55NU_14 Datasheet
240Kb / 9P
MOSFETs Silicon N-Channel MOS
TK10A80E TOSHIBA-TK10A80E Datasheet
225Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com