Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # ML
Description  Keymodule ML
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

ML Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  ML Datasheet HTML 1Page - Cherry Semiconductor Corporation ML Datasheet HTML 2Page - Cherry Semiconductor Corporation ML Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical specifications
Electrical characteristics
Module ML
Module MX
Switching voltage
12 V AC / DC max.
12 V AC / DC max.
Switching current
10 mA AC / DC max.
10 mA AC / DC max.
Dielectric strength
500 V / 50 Hz
500 V / 50Hz
Durability at 5V, 1mA linear actuation
–
50 x 106
Durability at 5V, 1mA tactile feel click
20 x 106
50 x 106
Durability at 5V, 1mA alternate action
–
0,5 x 106
Durability at 5V, 1mA alternate action
50 x 106
Mechanical characteristics
Contact configuration
Single-pole contact
Single-pole contact
Action
Pressure point click
Linear, pressure point click, alternate action, ergonomic
Actuator travel
3,0 – 0,5 mm
4,0 – 0,4 mm Impuls / 4,2 0,3 mm Rast / 4 – 0,5 mm click
Pretravel
1,5 ± 0,5 mm
2 ± 0,6 mm Impuls / 1,4 0,4 mm Rast / 2,2 0,6 mm click
Initial force
30 cN min
25 cN min.
Actuation force
45 ± 20 cN
60 ± 20 cN linear a. Rast; 45 20 cN, ergonom. and 50 15 cN click
Pressure point force
50 ± 20 cN
55 ± 20 cN, pressure point ergonomic / 60 15 cN pressure point click
Bounce time during actuation with 0,4 m/s
5 ms
5 ms
Standard lead spacing
18 mm (16 mm min.)
19,05 mm (16 mm min.)
Fastening
Fixing pins
in the printed circuit board
Snap fastening in frame or fixing pins in the printed circuit board
Lighting (optional)
–
LED in red, green or yellow
Decoupling diode
–
optional
Wire jumper
optional
optional
Materials
Insulation materials
Thermoplastics
(min.UL 94 HB)
Thermoplastics (min.UL 94 HB)
Spring
Stainless steel
Stainless steel
Contacts
High-quality gold alloy
High-quality gold alloy
Other Characteristics
Protection class
IP 40
IP 40
Operating temperature
– 10 °C to +70 °C
– 10 °C to +70 °C
Storage temperature
– 40 °C to +70 °C
– 40 °C to +70 °C
Humidity (without condensation)
5 % to 95 %
5 % to 95 %
Soldering capability
see soldering specifications see soldering specifications
For detailed information and the layout of the details described above, please do not hesitate to ask for our technical specifi cations and drawing.
67


Similar Description - ML

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLBAWT-A1-0000-000V51 CREE-MLBAWT-A1-0000-000V51 Datasheet
555Kb / 7P
XLamp ML-B LEDs
ML-B CREE-ML-B Datasheet
1Mb / 10P
Cree® XLamp® ML-B LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
Cree® XLamp® ML-E LEDs
REV 1
logo
Tyco Electronics
1393586-6 MACOM-1393586-6 Datasheet
152Kb / 1P
Steckverbinder, ML, kompakt Header...
logo
Littelfuse
V18MLA1210H LITTELFUSE-V18MLA1210H Datasheet
1Mb / 11P
ML Varistor Series
logo
Panasonic Semiconductor
AZ7310 PANASONIC-AZ7310 Datasheet
698Kb / 20P
ML (AZ7) Limit Switch
logo
Cherry Semiconductor Co...
MX CHERRY-MX Datasheet
585Kb / 3P
Keymodule MX
logo
List of Unclassifed Man...
LD20 ETC2-LD20 Datasheet
326Kb / 6P
Low flow sensing up to 1200 ml/h (20 ml/min)
ML-250-S1AXF-2P ETC-ML-250-S1AXF-2P Datasheet
473Kb / 1P
ML-250-S1AXF
logo
Cree LED
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com