Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A82 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A82
Description  Cascadable Amplifier 20 to 250 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A82 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A82 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A82 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A82 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
20 to 250 MHz
Rev. V3
A82 / SMA82
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
10-300
20-250
20-250
Small Signal Gain (min)
dB
25.0
24.0
23.5
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
29
Noise Figure (max)
dB
2.8
3.5
4.0
Power Output
@ 1 dB comp. (min)
dBm
20.0
19.0
18.0
IP3
dBm
+31
IP2
dBm
+36
Second Order Harmonic IP
dBm
+42
VSWR Input / Output (max)
1.3:1 / 1.3:1
1.7:1 / 1.7:1
1.9:1 / 1.9:1
DC Current @ 15 Volts (max)
mA
50
52
54
Features
 HIGH REVERSE ISOLATION: >28.5 dB (TYP.)
 HIGH LEVEL OUTPUT: +20 dBm (TYP.)
 LOW NOISE: 2.8 dB (TYP.)
 HIGH GAIN: 24.5 dB (TYP.)
Description
The A82 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays
impressive performance over a broadband frequency range.
An isolation transformer is used in the feedback loop, with the
benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A82
TO-8
SMA82
Surface Mount
CA82**
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
144ºC/W
Transistor Power Dissipation Pd
0.273 W
Junction Temperature Rise
Above Case Tjc
39ºC
* Over temperature performance limits for part number CA82, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A82

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A82 MACOM-A82 Datasheet
109Kb / 1P
20 TO 250 MHz CASCADABLE AMPLIFIER
A82 MACOM-A82 Datasheet
382Kb / 2P
Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A82 MA-COM-A82 Datasheet
1Mb / 2P
Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1 Datasheet
100Kb / 1P
20 TO 250 MHz CASCADABLE AMPLIFIER
A82-1 MACOM-A82-1 Datasheet
383Kb / 2P
Cascadable Amplifier 20 to 250 MHz
More results

Similar Description - A82

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70-3 MACOM-A70-3 Datasheet
107Kb / 1P
20 TO 250 MHz CASCADABLE AMPLIFIER
A81 MACOM-A81 Datasheet
106Kb / 1P
20 TO 250 MHz CASCADABLE AMPLIFIER
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
Cascadable Amplifier 20 to 250 MHz
A82-1 MACOM-A82-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 20 to 250 MHz
A82 MACOM-A82_1 Datasheet
382Kb / 2P
Cascadable Amplifier 20 to 250 MHz
A83-1 MACOM-A83-1_1 Datasheet
377Kb / 2P
Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
Cascadable Amplifier 20 to 250 MHz
A81 MA-COM-A81 Datasheet
1Mb / 2P
Cascadable Amplifier 20 to 250 MHz
A82-1 MA-COM-A82-1 Datasheet
1Mb / 2P
Cascadable Amplifier 20 to 250 MHz
A82 MA-COM-A82 Datasheet
1Mb / 2P
Cascadable Amplifier 20 to 250 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com