Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-119 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-119
Description  High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-119 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-119 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-119 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-119 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM-119 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Performance Amplifier,
8 dB Gain, 30 - 250 MHz
Rev. V4
AM-119 / AMC-119
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: 2, 3
TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
Gain
@+25oC
dB
7.5
8.0
8.5
250 MHz
Frequency Response
—
dB
—
—
±0.75
30 - 250 MHz
Gain Variation with
Temperature
—
dB
—
—
±1.0
30 - 250 MHz
1 dB Compression
Output Power
dBm
+20
—
—
30 - 250 MHz
Noise Figure
—
dB
—
—
3.5
30 - 250 MHz
Reverse Transmission
—
dB
—
-11.0
-9.5
30 - 250 MHz
VSWR
—
Ratio
—
—
2.3:1
30 - 250 MHz
Output IP2
Two-Tone inputs up to +10 dBm
dBm
+39
—
—
30 - 250 MHz
Output IP3
Two-Tone inputs up to +10 dBm
dBm
+34
—
—
30 - 250 MHz
Vbias
—
VDC
+14.5
+15.0
+15.5
—
Ibias
Vbias = +15.0 VDC
mA
—
50
60
—
Power Dissipation
@ +15 V Bias
mW
—
750
—
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1W must be provided
in use.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com