Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-151 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-151
Description  Cascadable Amplifier 10 to 500MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-151 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-151 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-151 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-151 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Cascadable Amplifier
10 to 500MHz
Rev. V5
AM-151/AMC-151
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Outline Drawing: TO-8-1 *
Dimensions in ( ) are in mm.
Unless otherwise noted: .XXX = + .010” (.XX = + 0.25)
.XX = + 0.02 (.X = + 0.5)
Typical Performance Curves at +25°C
Outline Drawing: SMA Connectorized *
Gain
WEIGHT (APPROX) 0.10 OUNCES 2.8 GRAMS
WEIGHT (APPROX) 1.62 OUNCES 46 GRAMS
DC IN
RF IN
RF OUT
GND
.150
(3.8) TYP.
.300
(7.6) TYP.
MIN
MAX
.220
(5.6)
.220
(5.6)
.450
(11.4)
4X Ø .018+/-.005
(0.46+/-0.13)
Ø .50
(12.7+0.5)
1.344
(34.14)
.562
(14.28)
DC IN
2X CONNECTOR
.750+/-.020
(19.05)+/-0.5
.375+/-.020
(9.53+/-0.51)
112-40 UNC-2B
20
.46
.12
2X
1.344
(34.14)
0.72
(17.07)
.672
(17.1)
1.000
(25.4)
Ø
.457
(11.61)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com