Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0802LCWM Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0802LCWM
Description  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0802LCWM Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button ADC0802LCWM Datasheet HTML 33Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 34Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 35Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 36Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 37Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 38Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 39Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 40Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 41Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Functional Description (Continued)
5.3 Multiple A/D Converters in a Z-80 Interrupt Driven
Mode (Continued)
The following notes apply:
•
It is assumed that the CPU automatically performs a RST
7 instruction when a valid interrupt is acknowledged
(CPU is in interrupt mode 1). Hence, the subroutine start-
ing address of X0038.
•
The address bus from the Z-80 and the data bus to the
Z-80 are assumed to be inverted by bus drivers.
•
A/D data and identifying words will be stored in sequen-
tial memory locations starting at the arbitrarily chosen ad-
dress X 3E00.
•
The stack pointer must be dimensioned in the main pro-
gram as the RST 7 instruction automatically pushes the
PC onto the stack and the subroutine uses an additional
6 stack addresses.
•
The peripherals of concern are mapped into I/O space
with the following port assignments:
DS005671-A5
Note 29: All numerical values are hexadecimal representations.
FIGURE 21. Software for Auto-Zeroed Differential A/D
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com