Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9601 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM9601
Description  Retriggerable One Shot
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM9601 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM9601 Datasheet HTML 1Page - National Semiconductor (TI) DM9601 Datasheet HTML 2Page - National Semiconductor (TI) DM9601 Datasheet HTML 3Page - National Semiconductor (TI) DM9601 Datasheet HTML 4Page - National Semiconductor (TI) DM9601 Datasheet HTML 5Page - National Semiconductor (TI) DM9601 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
Conditions
Min
Max
Units
To (Output)
tPLH
Propagation Delay Time
Negative Trigger
CL e 15 pF
Low to High Level Output
Input to
CX e 040
ns
True Output
RX e 5kX
tPHL
Propagation Delay Time
Negative Trigger
High to Low Level Output
Input to
40
ns
Complement Output
tPW(MIN)
Minimum True Output
65
ns
Pulse Width
tPW
Pulse Width
RX e 10 kX
308
376
m
s
CX e 1000 pF
CSTRAY
Maximum Allowable
Pin 13 to GND
50
pF
Wiring Capacitance
RX
External Timing Resistor
DM96
25
kX
RX
External Timing Resistor
DM86
50
kX
Operating Rules
1 An external resistor RX and an external capacitor CX are
required for operation The value of RX can vary between
the limits shown in switching characteristics The value of
CX is optional and may be adjusted to achieve the re-
quired output pulse width
2 Output pulse width tPW may be calculated as follows
tPW e KRXCX 1 a
07
RX
( (forCXl103pF)
K
034
RX in kX CX in pF and tPW in ns
(For CX k 103 pF see curve)
3 RX and CX must be kept as close as possible to the
circuit in order to minimize stray capacitance and noise
pickup If remote trimming is required RX may be split up
such that at least RX(MIN) must be as close as possible
to the circuit and the remote portion of the trimming re-
sistor R k RX(MAX) b RX
4 Set-up time (t1) for input trigger pulse must be l 40 ns
(See
Figure 1 )
Release time (t2) for input trigger pulse must be l 40 ns
(See
Figure 2 )
TLF6610 – 2
FIGURE 1
TLF6610 – 3
FIGURE 2
5 Retrigger pulse width (see
Figure 3 ) is calculated as fol-
lows
tW e tPW a tPLH e KRXCX 1 a
07
RX
( atPLH
TLF6610 – 4
FIGURE 3
Typical ‘‘K’’ Coefficient Variation vs Timing Capacitance
The multiplicative factor ‘‘K’’ varies as a function of the tim-
ing capacitor CX The graph below details this characteris-
tic
TLF6610 – 5
For further detailed device characteristics and output performance please
refer to the NSC one-shot application note AN-366
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com