Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-162 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-162
Description  Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-162 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-162 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-162 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-162 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM-162 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Low Noise Amplifier, 12.5 dB Gain,
10 - 100 MHz
Rev. V5
AM- / AMC- / AMS-162
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: 2
TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
Gain
@+25oC
dB
12.0
12.5
13.0
50 MHz
Frequency Response
—
dB
—
—
±0.6
10 - 100 MHz
Gain Variation with
Temperature
—
dB
—
—
±0.6
10 - 100 MHz
1 dB Compression
Output Power
dBm
+13
—
—
10 - 100 MHz
Noise Figure
—
dB
—
—
1.6
10 - 100 MHz
Reverse Transmission
—
dB
—
-15
-14
10 - 100 MHz
VSWR
—
Ratio
—
—
2.0:1
10 - 100 MHz
Output IP2
Two-Tone inputs up to 0 dBm
dBm
+40
—
—
10 - 100 MHz
Output IP3
Two-Tone inputs up to 0 dBm
dBm
+26
—
—
10 - 100 MHz
Vbias
—
VDC
+14.5
+15.0
+15.5
—
Ibias
Vbias = +15.0 VDC
mA
—
11
15
—
Power Dissipation
@ +15 V Bias
mW
—
165
—
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
10
0.07/165
4.06/66
0.18
0.09/169.1
20
0.09/-166.8
4.13/-6.5
0.17
0.09/-159.2
30
0.08/-151.5
4.18/-15.8
0.17
0.09/-129.5
40
0.10/-146.9
4.20/-24.0
0.17
0.11/-120.3
50
0.11/-147.9
4.23/-32.2
0.17
1
0.12/-117.7
60
0.11/-152.0
4.19/-39.8
0.17
0.13/-118.5
70
0.12/-159.7
4.20/-47.7
0.17
0.14/-120.3
85
0.12/-171.2
4.17/-59.5
0.16
0.14/-122.6
100
0.12/174.1
4.15/-72.1
0.16
0.15/-123.6
S-Parameter Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com