Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC348LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC348LP3
Description  GaAs MMIC SPDT NON-REFLECTIVE CATV SWITCH, DC - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC348LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC348LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
14 - 218
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC348LP3
GaAs MMIC SPDT NON-REFLECTIVE
CATV SWITCH, DC - 2.5 GHz
v04.0604
General Description
Features
Functional Diagram
The HMC348LP3 is a non-reflective GaAs MESFET
SPDT switch in a low cost leadless QFN surface
mount plastic package ideal for CATV applications.
Covering DC to 2.5 GHz, the switch offers high
isolation, low insertion loss, integrated 75 Ohm ter-
minations and an “all off” state. The switch features
>80 dB isolation at 5 MHz and >55 dB isolation up
to 1 GHz. The switch operates using complemen-
tary positive control voltage logic lines of +5/0V and
requires a +5V bias supply (Vdd). This switch offers
excellent performance in both 50 Ohm & 75 Ohm
systems for either SPDT or SPST functions.
High Isolation: >80 dB @ 5 MHz (50 Ohm)
>55 dB @ 1 GHz (50 Ohm)
“All Off” Isolation State
Non-Reflective Design, 75 Ohm Terminations
3 mm x 3 mm x 1 mm SMT Package
Electrical Specifications, T
A = +25° C, With 0/+5V Control, 50 Ohm System
Typical Applications
The HMC348LP3 is ideal for:
• 75 Ohm Systems
CATV Signal Distribution, Cable Modem
Headend & DBS IF Switching
• 50 Ohm Systems
Basestation Infrastructure & Test Equipment
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1000 MHz
DC - 2500 MHz
0.6
0.7
0.9
1.0
dB
dB
Isolation
DC - 250 MHz
DC - 750 MHz
DC - 1000 MHz
DC - 2000 MHz
DC - 2500 MHz
63
53
50
47
45
68
58
55
52
50
dB
dB
dB
dB
dB
Return Loss
“On State”
DC - 2500 MHz
15
20
dB
Return Loss RF1, RF2
“Off State”
DC - 1000 MHz
DC - 2500 MHz
9
8
12
11
dB
dB
Input Power for 1 dB Compression
50 MHz
1000 MHz
20
25
23
28
dBm
dBm
Input Third Order Intercept
(Two-Tone Input Power= 0 dBm Each Tone, 6 MHz Tone Separation)
50 MHz
1000 MHz
2500 MHz
43
48
51
dBm
dBm
dBm
Input Second Order Intercept
(Two-Tone Input Power= 0 dBm Each Tone, 6 MHz Tone Separation)
50 MHz
1000 MHz
2500 MHz
72
89
80
dBm
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 2500 MHz
25
600
ns
ns


Similar Part No. - HMC348LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC348LP3 HITTITE-HMC348LP3 Datasheet
291Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE CATV SWITCH, DC - 2.5 GHz
HMC348LP3 HITTITE-HMC348LP3_06 Datasheet
291Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE CATV SWITCH, DC - 2.5 GHz
More results

Similar Description - HMC348LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC348LP3 HITTITE-HMC348LP3_06 Datasheet
291Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE CATV SWITCH, DC - 2.5 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC347ALP3E AD-HMC347ALP3E Datasheet
387Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com