Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08061 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08061
Description  500 ns A/D Converter with S/H Function and Input Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08061 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC08061 Datasheet HTML 8Page - National Semiconductor (TI) ADC08061 Datasheet HTML 9Page - National Semiconductor (TI) ADC08061 Datasheet HTML 10Page - National Semiconductor (TI) ADC08061 Datasheet HTML 11Page - National Semiconductor (TI) ADC08061 Datasheet HTML 12Page - National Semiconductor (TI) ADC08061 Datasheet HTML 13Page - National Semiconductor (TI) ADC08061 Datasheet HTML 14Page - National Semiconductor (TI) ADC08061 Datasheet HTML 15Page - National Semiconductor (TI) ADC08061 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Information (Continued)
minimum output voltages above GND can also be compen-
sated by connecting V
REF− to a voltage that is equal to this
minimum voltage. By reducing V
REF (VREF = VREF+ −VREF−)
to less than 5V, the sensitivity of the converter can be in-
creased (i.e., if V
REF = 2.5V, then 1 LSB = 9.8 mV). The
ADC08061/2’s reference arrangement also facilitates ratio-
metric operation and in many cases the ADC08061/2’s
power supply can be used for transducer power as well as
the V
REF source. Ratiometric operation is achieved by con-
necting V
REF− to GND and connecting VREF+ and a trans-
ducer’s power supply input to V
+. The ADC08061/2’s linear-
ity degrades when V
REF+ −|VREF−| is less than 2.0V.
The voltage at V
REF− sets the input level that produces a
digital output of all zeros. Though V
IN is not itself differential,
the reference design affords nearly differential-input capabil-
ity for some measurement applications.
Figure 7 shows one
possible differential configuration.
It should be noted that, while the two V
REF inputs are fully
differential, the digital output will be zero for any analog input
voltage if V
REF− ≥ VREF+.
4.0 ANALOG INPUT AND SOURCE IMPEDANCE
The ADC08061/2’s analog input circuitry includes an analog
switch with an “on” resistance of 70
Ω and capacitance of
1.4 pF and 12 pF (see
Figure 7). The switch is closed during
the A/D’s input signal acquisition time (while WR is low when
using the WR -RD Mode). A small transient current flows into
the input pin each time the switch closes. A transient voltage,
whose magnitude can increase as the source impedance in-
creases, may be present at the input. So long as the source
impedance is less than 500
Ω, the input voltage transient will
not cause errors and need not be filtered.
Large source impedances can slow the charging of the sam-
pling capacitors and degrade conversion accuracy. There-
fore, only signal sources with output impedances less than
500
Ω should be used if rated accuracy is to be achieved at
the minimum sample time (100 ns maximum). A signal
source with a high output impedance should have its output
buffered with an operational amplifier. Any ringing or voltage
shifts at the op amp’s output during the sampling period can
result in conversion errors.
Correct conversion results will be obtained for input voltages
greater than GND − 100 mV and less than V+ + 100 mV. Do
not allow the signal source to drive the analog input pin more
than 300 mV higher than V
+, or more than 300 mV lower
than GND. The current flowing through any analog input pin
should be limited to 5 mA or less to avoid permanent dam-
age to the IC if an analog input pin is forced beyond these
voltages. The sum of all the overdrive currents into all pins
must be less than 20 mA. Some sort of protection scheme
should be used when the input signal is expected to extend
more than 300 mV beyond the power supply limits. A simple
protection network using resistors and diodes is shown in
Figure 9.
6.0 INHERENT SAMPLE-AND-HOLD
An important benefit of the ADC08061/2’s input architecture
is the inherent sample-and-hold (S/H) and its ability to mea-
sure relatively high speed signals without the help of an ex-
ternal S/H. In a non-sampling converter, regardless of its
speed, the input must remain stable to at least 1⁄2 LSB
throughout the conversion process if full accuracy is to be
maintained. Consequently, for many high speed signals, this
signal must be externally sampled and held stationary during
the conversion.
The ADC08061 and ADC08062 are suitable for DSP-based
systems because of the direct control of the S/H through the
WR signal. The WR input signal allows the A/D to be syn-
chronized to a DSP system’s sampling rate or to other
ADC08061 and ADC08062s.
DS011086-19
*Represents a multiplexer channel in the ADC08062.
FIGURE 7. ADC08061 and ADC08062 Equivalent Input Circuit Model
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com