Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDZ5V0-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDZ5V0-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDZ5V0-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDZ5V0-HF Datasheet HTML 1Page - Comchip Technology CPDZ5V0-HF Datasheet HTML 2Page - Comchip Technology CPDZ5V0-HF Datasheet HTML 3Page - Comchip Technology CPDZ5V0-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Junction capacitance
Conditions
Reverse leakage current
IR
µA
CJ
pF
VR = 0V, f = 1MHz
1
VRWM = 5V
Clamping voltage
13
V
IPP = 4 A
Working peak reverse voltage
V
5
3
SMD ESD Protection Diode
Page 2
QW-JP045
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Breakdown voltage
V(BR)
V
IT = 1mA
5.6
8
VC(2)
VRWM
(1)
Notes:
(1) Other voltage available upon request.
(2) Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC61000-4-5
RATING AND CHARACTERISTIC CURVES (CPDZ5V0-HF)
Peak Pulse Current, IPP (A)
4.0
3
6
9
12
2.5
1
25
Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us
e-t
td= t Ipp/2
Fig. 1 - 8/20us Peak Pulse Current
Waveform Acc. IEC 61000-4-5
Fig. 2 - Capacitance Characteristics
Reverse Voltage, ( V )
0
1
2
3
4
0
1
2
5
4
3
TA=25°C
f=1MHz
1.5
2.0
3.0
3.5
TA=25°C
TP=8/20us
Fig.3 - Clamping Voltage Vs.
Peak Pulse Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com