Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D882M Datasheet(PDF) 2 Page - Comchip Technology

Part # D882M
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

D882M Datasheet(HTML) 2 Page - Comchip Technology

  D882M Datasheet HTML 1Page - Comchip Technology D882M Datasheet HTML 2Page - Comchip Technology D882M Datasheet HTML 3Page - Comchip Technology D882M Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-BTR51
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
RATING AND CHARACTERISTIC CURVES (D882M-G)
Fig.1 - Static Characteristic
-500uA
-450uA
COMMON
EMITTER
Ta=25°C
0
0.5
1.0
1.5
2.0
2.5
Collector-Emitter Voltage, VCE (V)
0
2
4
3
5
1
6
7
8
1
100
10
1
Collector Current
(mA)
, IC
Fig.4 - VBEsat — IC
10
100
1000
1000
Collector Current,
(mA)
IC
Fig.3 - VCEsat — IC
2000
1
10
100
1000
3000
1000
100
1
1000
3000
10
0
Base-Emitter Voltage,
(mV)
VBE
Fig.5 - IC — VBE
900
1200
300
600
Reverse Voltage, V (V)
Fig.6 - Cob / Cib — VCB / VEB
100
500
10
0.1
10
1
Cob
100
IB= 1mA
2mA
3mA
4mA
5mA
6mA
7mA
8mA
9mA
10mA
3000
VCE = 2V
COMMON EMITTER
Cib
f=1MHZ
IE=0/IC=0
Ta=25°C
20
β=10
β=10
General Purpose Transistors
0
800
1000
0
100
600
1400
25
50
75
125
1200
Fig.4 - Typical Power Derating Curve
Mounting on glass epoxy PCBs
Ambient Temperature, Ta (°C)
400
200
150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com