Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRT23C13-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRT23C13-G
Description  SMD Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRT23C13-G Datasheet(HTML) 1 Page - Comchip Technology

  CZRT23C13-G Datasheet HTML 1Page - Comchip Technology CZRT23C13-G Datasheet HTML 2Page - Comchip Technology CZRT23C13-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CZRT23C2V7-G Thru. CZRT23C39-G
Zener Voltage: 2.7V to 39V
Power Dissipation: 300mW
RoHS Device
SMD Zener Diode
QW-BZ009
Page 1
REV:A
Features
-Dual Zeners in common anode configuration.
-300mW power dissipation rating.
-Ideally suited for automatic insertion.
-ΔVZ for both diodes in one case is <=5%.
Mechanical Data
-Case: SOT-23 mold plastic
Diagram
Parameter
Value
Unit
Maximum Ratings (at Ta=25°C unless otherwise noted)
Power dissipation
Thermal Resistance, junction to ambient
Operating junction temperature
Storage temperature
PD
TJ
TSTG
RθJA
300
417
-65 ~ +150
-65 ~ +150
mW
OC/W
OC
OC
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.119(3.00)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.083(2.10)
0.066(1.70)
0.044(1.10)
0.035(0.90)
0.020(0.50)
0.013(0.35)
0.006(0.15)
0.002(0.05)
0.103(2.60)
0.086(2.20)
0.006(0.15) max
0.007(0.20) min
Symbol


Similar Part No. - CZRT23C13-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRT23C13-HF COMCHIP-CZRT23C13-HF Datasheet
326Kb / 5P
SMD Zener Diode
More results

Similar Description - CZRT23C13-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRF52C2 COMCHIP-CZRF52C2 Datasheet
244Kb / 4P
SMD Zener Diode
CZRA4728-G COMCHIP-CZRA4728-G Datasheet
96Kb / 3P
SMD Zener Diode
CZRER52C2-HF COMCHIP-CZRER52C2-HF Datasheet
271Kb / 6P
SMD Zener Diode
CZRFR2V4B-HF COMCHIP-CZRFR2V4B-HF Datasheet
136Kb / 5P
SMD Zener Diode
CZRU2V4B-HF COMCHIP-CZRU2V4B-HF Datasheet
137Kb / 5P
SMD Zener Diode
CZRUR52C2-HF COMCHIP-CZRUR52C2-HF Datasheet
161Kb / 6P
SMD Zener Diode
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
SMD Zener Diode
CZRL55C2V4-G COMCHIP-CZRL55C2V4-G Datasheet
434Kb / 6P
SMD Zener Diode
CZRQC52C2V4-HF COMCHIP-CZRQC52C2V4-HF Datasheet
111Kb / 4P
SMD Zener Diode
CZRT23C2V7-HF COMCHIP-CZRT23C2V7-HF Datasheet
326Kb / 5P
SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com