Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M21245 Datasheet(PDF) 21 Page - M/A-COM Technology Solutions, Inc.

Part # M21245
Description  3G/HD/SD-SDI Multi-rate Reclocker
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21245 Datasheet(HTML) 21 Page - M/A-COM Technology Solutions, Inc.

Back Button M21245 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Functional Description
21245-DSH-001-H
Mindspeed Technologies
®
21
Mindspeed Proprietary and Confidential
4.2
High-Speed Differential Inputs
The M21245 features four differential inputs; compatible with PCML. LVDS and LVPECL signal levels are also
accommodated. Serial data to be retimed is presented to these four inputs. Each input is terminated with a 50
Ω
termination to AVDDI. AVDDI can be supplied from any voltage ranging from 1.2 V to 3.3 V.
In order to improve signal integrity when used in large systems, each input also comes equipped with
programmable input equalization (IE) for FR4 trace. There are four settings for input equalization: 0 dB (or no
equalization), 2 dB, 4 dB, and 6 dB. In serial control mode, the input equalization level for each input may be set by
programming the desired value to register.Input EQ Config (addresses 00h–03h). Alternatively, in hardware mode,
the input equalization for all of the inputs may be set globally through pin.IE_CTRL (MF2). In hardware mode only
the three settings of 0 dB, 4 dB, and 6 dB are available.
In most SDI applications, it is important to avoid AC-coupled data interfaces between devices wherever possible. In
addition to reducing the number of components, DC-coupling will result in more system jitter margin. In order to
accommodate DC-coupling with the upstream device, the AVDDI power domain of the M21245 is electrically
independent from all other power domains therefore allowing it to be tied to the VDD of the upstream device. This is
demonstrated in Figure 4-2 below.
Alternatively and under certain conditions, the M21245 allows for the inputs to be self biased eliminating the need
for an electrical connection between the supply voltages of the upstream device and M21245. This configuration
offers the benefit of keeping the supply of the previous device and the power domain(s) of the M21245 completely
isolated, while using DC-coupling. AC-coupling should not be used with the self bias interface. This self-biasing
scheme is demonstrated in Figure 4-3 below.
When using the M21245 in self biased mode, specific conditions must be met:
1.
The self biased inputs must be DC-coupled. No AC-coupling is supported in self biased mode.
2.
The AVDDO of the upstream device must be 2.5 V or greater. AVDDO levels 1.2 V and 1.8 V are not supported
in this mode.
3.
The common mode of the upstream signals must be greater than 600 mV.
4.
Internal voltage regulators are disabled.
5.
All inputs are configured in self biased mode. Combination of self biased and non-self biased is not supported.
Figure 4-2.
M21245 AVDDI Connected to the VDD of the Upstream Device
Upstream Device
VDD
M21245
1.2 V – 3.3 V
AVDDI
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com