Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M21528 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21528
Description  3G/HD/SD-SDI Low Power Dual Cable Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21528 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21528 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21528 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
M21528-BRF-001-B.pdf
© 2009 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed logo are
trademarks of Mindspeed Technologies. All other trademarks are the property of their respec-
tive owners. Although Mindspeed Technologies strives for accuracy in all its publications, this
material may contain errors or omissions and is subject to change without notice. This material is
provided as is and without any express or implied warranties, including merchantability, fitness
for a particular purpose and non-infringement. Mindspeed Technologies shall not be liable for
any special, indirect, incidental or consequential damages as a result of its use.
For more product information, please visit www.mindspeed.com
Applications
•
3G/HD/SD-SDI switchers
•
3G/HD/SD-SDI routers
•
3G/HD/SD distribution amplifiers
•
DVB-ASI equipment
Standards Compliance
•
SMPTE 259M, 292M, 344M, 424M
•
Supports DVB-ASI (270 Mbps)
Package (RoHS Compliant)
•
24pin QFN
•
4mmX4mm
> Product Features
Fig. 2 - Typical Routing Switcher Application Diagram
Equalizer
Cable Driver
M21528
Reclocker
Crosspoint
Backplane
SDI0P
SDO0A
SDI0N
SDO0B
SDI1P
SDI1N
SDO1A
SDO1B
LOS
LOS
IE
IE
75 Ω/50 Ω
2x2
C rosspoint
75 Ω/50 Ω
75 Ω/50 Ω
75 Ω/50 Ω
M21528
Fig. 1 - Functional Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com