Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA900ACA-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # SA900ACA-HF
Description  Axial Lead Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SA900ACA-HF Datasheet(HTML) 4 Page - Comchip Technology

  SA900ACA-HF Datasheet HTML 1Page - Comchip Technology SA900ACA-HF Datasheet HTML 2Page - Comchip Technology SA900ACA-HF Datasheet HTML 3Page - Comchip Technology SA900ACA-HF Datasheet HTML 4Page - Comchip Technology SA900ACA-HF Datasheet HTML 5Page - Comchip Technology SA900ACA-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UNI
BI
Maximum Reverse
Surge Current @
10/1000us sinewave
IPP (A)
Maximum
Clamping
Voltage @I PP
VC (V)
Marking Code
Part No
Maximum Reverse
Leakage @VRWM
R
I (uA)
Working Peak
Reverse Voltage
VRWM (V)
VBR Min.
(V)
IT
(V)
(mA)
VBR Max.
Breakdown voltage V@ IT
SA171A(CA)-HF
189.00
209.00
1
5
170.0
1.82
275.0
170CA
SA
170A
SA
SA181A(CA)-HF
200.00
220.00
1
5
180.0
1.71
291.6
180CA
SA
180A
SA
SA191A(CA)-HF
211.00
232.00
1
5
190.0
1.62
307.8
190CA
SA
SA190A
Axial Lead Transient Voltage Suppressor
Electrical Characteristics (SA5V0-HF Thru. SA191-HF)
QW-JTV12
Comchip Technology CO., LTD.
Page 4
REV:A
1) Suffix ‘A’ denotes 5% tolerance devices.
2) Add Suffix ‘C’ or ‘CA’ after part number to specify Bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Note:
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com