Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC372LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC372LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC372LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC372LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC372LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC372LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC372LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC372LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC372LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC372LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC372LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MICROWAVE CORPORATION
8 - 124
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC372LP3
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
v01.0604
General Description
Features
Functional Diagram
The HMC372LP3 is a GaAs PHEMT MMIC Low
Noise Amplifier that is ideal for GSM & CDMA
cellular basestation front-end receivers operating
between 700 and 1000 MHz. The amplifier has
been optimized to provide 1.0 dB noise figure, 15
dB gain and +34 dBm output IP3 from a single
supply of +5.0V @ 100 mA. Input and output return
losses are 25 and 14 dB respectively with the LNA
requiring only four external components to optimize
the RF Input match, RF ground and DC bias. The
HMC372LP3 shares the same package and pinout
with the HMC356LP3 high IP3 LNA. A low cost,
leadless 3x3 mm (LP3) SMT QFN package houses
the low noise amplifier.
Noise Figure: <1.0 dB
+34 dBm Output IP3
Gain: 15 dB
Very Stable Gain vs. Supply & Temperature
Single Supply: +5.0 V @ 100 mA
50 Ohm Matched Output
Electrical Specifications, T
A = +25° C, Vs = +5V
Typical Applications
The HMC372LP3 is ideal for
basestation receivers:
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• Private Land Mobile Radio
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
810 - 960
700 - 1000
MHz
Gain
12.5
14.5
11.5
14.5
dB
Gain Variation Over Temperature
0.008
0.015
0.008
0.015
dB / °C
Noise Figure
1.0
1.3
1.0
1.3
dB
Input Return Loss
25
25
dB
Output Return Loss
14
12
dB
Reverse Isolation
20
22
dB
Output Power for 1dB Compression (P1dB)
18
21
17
20
dBm
Saturated Output Power (Psat)
23.5
22.5
dBm
Output Third Order Intercept (IP3)
(-20 dBm Input Power per tone, 1 MHz tone spacing)
34
30
33
dBm
Supply Current (Idd)
100
100
mA


Similar Part No. - HMC372LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC372LP3 HITTITE-HMC372LP3 Datasheet
256Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3 Datasheet
350Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
logo
Analog Devices
HMC372LP3 AD-HMC372LP3 Datasheet
393Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC372LP3E HITTITE-HMC372LP3E Datasheet
256Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
logo
Analog Devices
HMC372LP3E AD-HMC372LP3E Datasheet
393Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results

Similar Description - HMC372LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3 Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3_06 Datasheet
350Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC758LP3 HITTITE-HMC758LP3 Datasheet
403Kb / 8P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC372LP3 HITTITE-HMC372LP3_10 Datasheet
256Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3_10 Datasheet
207Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC758LP3 HITTITE-HMC758LP3_10 Datasheet
1Mb / 8P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com