Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SPS552 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS552
Description  SURMOUNT PIN Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS552 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS552 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SURMOUNTTM PIN Diode
Rev. V3
MA4SPS552
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings3,4
Parameter
Absolute Maximum
Dissipated RF & DC Power
1 W
Forward Current
100 mA
Reverse Voltage
-200 V
Operating Temperature
-65°C to +150°C
Storage Temperature
-65°C to +150°C
Junction Temperature
+175°C
Mounting Temperature
+260°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. MACOM does not recommend sustained operation near these
survivability limits.
Electrical Specifications @ +25°C
Symbol
Parameter
Conditions
Units
Min.
Typ.
Max.
CT
Capacitance
-40 V, 1 MHz
-40 V, 1 GHz
pF
—
0.08
0.06
0.14
—
RS
Resistance
100 mA, 100 MHz
20 mA, 100 MHz
Ω
—
1.7
2.4
—
VF
Forward Voltage
100 mA
10 mA
V
—
1.00
0.88
1.25
1.00
VR
Reverse Voltage
-10 µA
V
| - 200 |
| - 275 |
—
IR
Reverse Leakage Current
-40 V
nA
—
| - 10 |
—
RӨJC
Thermal Resistance
Steady State
°C/W
—
30
—
TL
Lifetime
+10 mA / -6 mA
( 50% - 90% V )
µs
—
2.5
—
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com