Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1058FA Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TPD1058FA
Description  Low-Side Switch for Solenoid, Motor and Lamp Drive
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1058FA Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TPD1058FA Datasheet HTML 7Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 8Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 9Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 10Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 11Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 12Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 13Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 14Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TPD1058FA
Note:
Glass epoxy board
Material: FR-4 (4 layer)
Board size: 76.2mm×114.3mm×1.6mm
Via:
φ0.3mm (2 point)
0
0.5
1
1.5
2
-40
0
40
80
120
160
Ambient temperature T
a [℃]
P
D - Ta
Mount on glass epoxy board (Note)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Pulse width t
w[s]
R
th(ch-a) - tw
Mount on glass epoxy board (Note)
single pulse
2015-2-9
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com