Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC381LP6 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC381LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC381LP6 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC381LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MICROWAVE CORPORATION
12 - 197
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 1.7 - 2.2 GHz
v01.0704
Conversion Gain
vs. Temperature @ LO = 0 dBm
Isolation @ LO = 0 dBm
Return Loss @ LO = 0 dBm
Conversion Gain vs. LO Drive
P1dB vs. Temperature @ LO = 0 dBm
IF Bandwidth @ LO = -5 dBm
HMC381LP6
0
2
4
6
8
10
12
14
1.4
1.6
1.8
2
2.2
2.4
2.6
+ 25C
+ 85C
- 40C
RF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
1.4
1.6
1.8
2
2.2
2.4
2.6
RF TO IF
LO TO RF
LO TO IF
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
LO = -4dBm
LO = -2dBm
LO = 0dBm
LO = 2dBm
LO = 4dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
RF
LO
RF FREQUENCY (GHz)
0
5
10
15
20
25
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
IINPUT P1dB, +25C
OUTPUT P1dB, +25C
INPUT P1dB, +85C
OUTPUT P1dB, +85C
INPUT P1dB, -40C
OUTPUT P1dB, -40C
RF FREQUENCY (GHz)
OUTPUT P1dB
INPUT P1dB
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
50
150
250
350
450
550
650
CONVERSION GAIN
RETURN LOSS
IF FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com