Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD7104F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPD7104F
Description  1 channel High-Side N channel Power MOSFET Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7104F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TPD7104F Datasheet HTML 2Page - Toshiba Semiconductor TPD7104F Datasheet HTML 3Page - Toshiba Semiconductor TPD7104F Datasheet HTML 4Page - Toshiba Semiconductor TPD7104F Datasheet HTML 5Page - Toshiba Semiconductor TPD7104F Datasheet HTML 6Page - Toshiba Semiconductor TPD7104F Datasheet HTML 7Page - Toshiba Semiconductor TPD7104F Datasheet HTML 8Page - Toshiba Semiconductor TPD7104F Datasheet HTML 9Page - Toshiba Semiconductor TPD7104F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TPD7104F
2014-10-8
6
Electrical Characteristics (Unless otherwise specified, Tj = -40 to 125°C, VDD = 5 to 18V)
Characteristics
Symbol
Pin
Test Condition
Min
Typ.
Max
Unit
Operating supply voltage
VDD(OPR)
VDD
-
5
12
18
V
Supply current
IDD(off)
VDD VDD = 12V, VIN = VIL, Tj=25°C
-
0.7
3
mA
IDD(on)
VDD VIN = VIH, output is open circuit
-
-
5
mA
Input voltage
VIH
IN
-
3.5
-
-
V
VIL
-
-
-
1.5
Input current
IIH
IN
VIN = 5V
-
20
50
μA
IIL
VIN = 0V
-1
-
1
Output voltage
VOUT
OUT VDD = 5V, VIN = VIH,
IOUT = -100μA, Co = 15000pF
VDD
+8
VDD
+13
VDD
+18
V
VOUT
OUT VDD = 8 to 18V, VIN = VIH,
IOUT = -100μA, Co = 15000pF
VDD
+10
VDD
+15.7
VDD
+18
V
Output resistance
RSINK
OUT IOUT = 1mA
-
500
800
Ω
Diagnosis output leakage current
IDIAGH
DIAG VIN = VIL, VDIAG = 5V
-
-
10
μA
Diagnosis output voltage
VDIAGL
DIAG VIN = VIH, IDIAG = 500μA
-
-
0.4
V
Over current detection voltage
VISOC
IS
VDD = 12V,
RISref pin is open circuit
0.9
1.02
1.2
V
RISref pin output current
IISref(1)
RISref VRISref = 0.2V
-60
-40
-20
μA
IISref(2)
RISref VRISref = 0.4V
-60
-40
-20
μA
IISref(3)
RISref VRISref = 0.6V
-60
-40
-20
μA
Switching time
ton
OUT Refer to Test circuit, Tj = 25°C
-
370
800
μs
toff
-
420
800
Note2 : Typical condition is VDD=12V, Tj=25°C.
Note3 : The current detection voltage is controllable, when connecting resistance to RISref pin.
But, when VRISref(RIS×IISref) is over VISOC, the current detection voltage is VISOC.
Note4 : About the charge pump voltage
So as not to apply over-voltage to the gate-source voltage(VGS) of external power MOSFET, and so as to become the best
driving voltage, the clamping circuit is built into.
And it doesn't output over 36V(Typ.), because of protection of itself.
Test circuit for switching time
TPD7104F
VDD
IN
GND
OUT
10kΩ
15000pF
ton
toff
VDD+4V
1.5V
t
t
IN
OUT
VOUT
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com