Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD7210F Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TPD7210F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7210F Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TPD7210F Datasheet HTML 9Page - Toshiba Semiconductor TPD7210F Datasheet HTML 10Page - Toshiba Semiconductor TPD7210F Datasheet HTML 11Page - Toshiba Semiconductor TPD7210F Datasheet HTML 12Page - Toshiba Semiconductor TPD7210F Datasheet HTML 13Page - Toshiba Semiconductor TPD7210F Datasheet HTML 14Page - Toshiba Semiconductor TPD7210F Datasheet HTML 15Page - Toshiba Semiconductor TPD7210F Datasheet HTML 16Page - Toshiba Semiconductor TPD7210F Datasheet HTML 17Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TPD7210F
2008-05-12
13
∆VDDUV - Tj
1
0.8
0.6
0.4
0.2
0
VDDUV - Tj
7
6.8
6.2
5.8
5.4
5
Junction temperature Tj (°C)
-80
-40
0
40
80
120
160
-80
-40
0
40
80
120
160
Junction temperature Tj (°C)
1
0.8
0.6
0.4
0.2
0
Switching times - VDD
Power supply voltage VDD (V)
0
4
8
12
16
20
UV detect
UV recovery
Junction temperature Tj (°C)
-80
-40
0
40
80
120
160
Power supply voltage VDD (V)
tON
tOFF
td(OFF)
td(ON)
VDD=VCPV
RG=47Ω, COUT=12400pF
Tj=25°C
High-side output
Switching times - Tj
-80
-40
0
40
80
120
160
tOFF
tON
td(OFF)
td(ON)
1
0.8
0.6
0.4
0.2
0
0
4
8
12
16
20
1
0.8
0.6
0.4
0.2
0
Switching times - VDD
Switching times - Tj
Junction temperature Tj (°C)
VDD=VCPV=13.5V
RG=47Ω, COUT=12400pF
High-side output
VDD=VCPV
RG=47Ω, COUT=12400pF
Tj=25°C
Low-side output
tOFF
tON
td(OFF)
td(ON)
1
0.8
0.6
0.4
0.2
0
tOFF
tON
td(OFF)
td(ON)
VDD=VCPV=13.5V
RG=47Ω, COUT=12400pF
Low-side output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com