Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT2016SC Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NT2016SC
Description  Temperature Compensated Crystal Oscillator (TCXO) NT2016S Series(with two outputs of same frequency)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NT2016SC Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NT2016SC Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
- 1 -
1510B_NT2016SC_e
Temperature Compensated Crystal Oscillator (TCXO)
NT2016S Series(with two outputs of same frequency)
NT2016SC
For mobile phones, etc.
■ Main Application
● Supports low power supply voltage. (Supports DC +1.7 V to +3.3 V.)
● Ultra-compact and light with a height, cubic volume, and weight of Max. 0.8 mm,
0.0022 cm3, and 0.008 g, respectively.
● A surface-mount crystal oscillator. (Reflow soldering is possible.)
● Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
● With Enable / Disable function (This function can be used for both output1 and 2).
● It is possible to choose the AFC function instead of the Enable/Disable function for
output 2.
■ Features
Item
Model
NT2016SC
Nominal Frequency Range (MHz)
13 to 52
Standard Frequency (MHz)
26
38.4
52
Supply Voltage [VCC] (V)
+1.8
Load Impedance
10 kΩ//10 pF
Current Consumption (mA) (Two outputs)
Max. 2.0
Max. 2.2
Max. 2.4
Output Voltage
Min. 0.8 V(p-p) (DC Coupling *1)
Frequency/Temperature Characteristics
Max. ±2.0×10–6 (Max. ±0.5×10–6 available)
Operating Temperature Range (°C)
–30 to +85
Storage Temperature Range (°C)
–40 to +85
Frequency/Voltage Coefficient
Max. ±0.1×10–6/+1.8 V±5 %
Frequency/Load Coefficient
Max. ±0.1×10–6/(10 kΩ//10 pF) ±10 %
Long-term Frequency Stability
Max. ±1.0×10–6/year
• Frequency setting conditions
1. Frequencies are set at normal temperatures (+25±2 °C).
• If you require a product with a different frequency,
power supply voltage, frequency control range, etc.
to the standard specifications, please contact us with
your enquiries.
*1. A DC-cut capacitor is not embedded in this crystal
oscillator. Connect a DC-cut capacitor (1,000 pF) to
the line-out terminal of the oscillator.
■ Specifications
mm
#1
#2
#3
#4
#5
#6
Control Voltage (Enable/
Disable) for output2
Output2 (Analog)
GND
Output1 (Analog)
Control Voltage (Enable/
Disable) for output1
VCC
Terminal land connections
#1
#2
#4
#5
#6
#4
#5
#6
#3
#1
#2
#3
2.0±0.1
(0.6)
(1.2)
(0.5)
(0.6)
1.2±0.05
0.5
0.4±0.1
■ Dimensions
Frequency
(MHz)
Ordering Code
26
NT2016SC-26M-NSA3502B
38.4
NT2016SC-38.4M-NSA3502C
52
NT2016SC-52M-NSA3502D
The above frequencies are NDK’s standard frequencies.
Frequencies other than the above are available.
Feel free to contact our sales representatives.
■ List of Ordering Codes
Enable/Disable input or
AFC for output2
Enable/Disable input
for output1


Similar Part No. - NT2016SC

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT2016SC NDK-NT2016SC Datasheet
616Kb / 1P
Temperature Compensated Crystal Oscillator
NT2016SC NDK-NT2016SC_18 Datasheet
616Kb / 1P
Temperature Compensated Crystal Oscillator
More results

Similar Description - NT2016SC

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
5925A NDK-5925A Datasheet
78Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
5921A NDK-5921A Datasheet
91Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
5936L NDK-5936L Datasheet
83Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
NT2016SA NDK-NT2016SA Datasheet
253Kb / 1P
Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT2016S Series
NT2520SB NDK-NT2520SB Datasheet
292Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO) NT2520S Series
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO)
logo
Advanced XTAL Products
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
Temperature Compensated Crystal Oscillator (TCXO)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com