Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C490086LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C490086LE
Description  PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C490086LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C490086LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C490086LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C490086LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C490086LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C490086LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.pericom.com
PI6C490086
RevB
2/16/2012
PI6C490086
PLL Clock Multiplier
Power Requirements(Over operating free-air temperature range)
Storage Temperature.......................................................... –65°C to +150°C
Supply Voltage to Ground Potential, VDD ........................–0.5V to +4.6V
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
3.135
3.3
3.465
V
VDDO, VDDO8 Power Supply Voltage for outputs
1.71
3.465
V
IDD
Power supply current, no load
20
mA
TA
Ambient Operating Temperature
0
+70
°C
-40
+85
tUP
Power Supply Ramp Time
4
ms
Symbol Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input High Voltage
CLKIN, OE#
VDD/2+1
V
VIL
Input Low Voltage
CLKIN, OE#
VDD/2-1 V
VOH
Output High Voltage
IOH = -4mA
and -8mA
8MHz out-
put
VDDo8 – 0.4
V
25MHz
output
VDDo – 0.4
V
VOL
Output Low Voltage
IOL = 4mA and 8mA
0.4
V
ZO
Nominal Output Impedance
20
W
RPD
Internal Pull-down Resistor
OE#
200
kW
CLKIN
230
CIN
Input Capacitance
Inputs
4
pF
DC Electrical Characteristics
12-0165



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com