Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C490098LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C490098LE
Description  1:3 CMOS Clock Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C490098LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C490098LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C490098LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C490098LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C490098LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C490098LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.pericom.com
PI6C490098
RevB
1/14/2016
PI6C490098
1:3 25MHz Clock Buffer
Function Table
Pin number
Pin Name
Type
Description
1
X1/CLKIN
Input
Crystal connection or clock input
2, 4, 14
VDD
Power
3.3V Supply voltage for core and CLK1
5, 6,
NC
No connect
7, 9, 15
GND
Power
Connect to Ground
8
OE#
Input
Global output enable when low. Internal pull-down
resistor.
10
CLK3
Output
Clock Output 3
11
VDDO
Power
Supply voltage from 1.8V to 3.3V for CLK2 and CLK3
12
CLK2
Output
Clock Output 2
13
CLK1
Output
Clock Output 1
16
X2
Output
Crystal connection
OE#
CLK1/CLK2/CLK3
0
Enabled
1
Hi-Z, weak pull down
16-0010



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com