Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0042SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0042SMB
Description  Broadband CATV Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0042SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0042SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0042SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0042SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0042SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0042SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Broadband CATV Amplifier
50 - 1000 MHz
Rev. V4
MAAMSS0042
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Functional Schematic
Features
 75 Ω Input / Output Match
 -70 dBc CTB
 3.0 dB Noise Figure
 15 dB Gain
 Lead-Free SOT-89 Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAMSS0042 CATV amplifier is a GaAs MMIC
wh i c h
e x h i b i t s
l o w
d i s t o r t i o n
i n
a
lead-free miniature surface mount plastic package.
The MAAMSS0042 employs a monolithic single
stage design featuring a convenient 75 Ω input/
output impedance that minimizes the number of
external components required.
The MAAMSS0042 provides low noise and high
linearity. It is ideally suited for set top boxes, home
gateways, FTTX, Drop Amplifiers, and other
broadband internet based appliances.
The MAAMSS0042 is fabricated using M/A-COM’s
PHEMT process to realize low noise and low
distortion. The process features full passivation for
robust performance and reliability.
Absolute Maximum Ratings 3,4,5
Parameter
Absolute Maximum
RF Input Power
10 dBm
Voltage
10.0 volts
Operating Temperature
-20 °C to +85 °C
Junction Temperature6
+150 °C
Storage Temperature
-65 °C to +150 °C
Pin Configuration
Pin No.
Pin Name
Description
1
RFIN
RF Input
2
GND
Ground
3
RFOUT
RF Output / Drain Supply
RFIN
RFOUT
Pin 1
GND
GND
RFIN
RFOUT
Pin 1
GND
GND
Ordering Information1,2
Part Number
Package
MAAMSS0042
Bulk Packaging
MAAMSS0042TR
1000 piece reel
MAAMSS0042TR-3000
3000 piece reel
MAAMSS0042SMB
Sample Test Board
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near these
survivability limits.
5. These operating conditions will ensure MTTF > 1 x 106 hours.
6. Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 59° C/W.
a) For TC = 25°C,
TJ = 57°C @ 5 V, 110 mA
b) For TC = 85°C,
TJ = 115 °C @ 5 V, 100 mA


Similar Part No. - MAAMSS0042SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0042SMB MACOM-MAAMSS0042SMB Datasheet
157Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0042SMB MA-COM-MAAMSS0042SMB Datasheet
158Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
More results

Similar Description - MAAMSS0042SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009633 MA-COM-MAAM-009633 Datasheet
203Kb / 4P
Broadband CATV Amplifier
MAAM-010373 MA-COM-MAAM-010373 Datasheet
195Kb / 5P
Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
Broadband CATV Amplifier
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
Broadband CATV Amplifier
MAAM-009100 MA-COM-MAAM-009100 Datasheet
164Kb / 4P
Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041_15 Datasheet
169Kb / 4P
Broadband CATV Amplifier
MAAMSS0042 MA-COM-MAAMSS0042_15 Datasheet
158Kb / 4P
Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041_16 Datasheet
892Kb / 5P
Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060_15 Datasheet
857Kb / 7P
Broadband CATV Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com