Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBAV99 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TBAV99
Description  Switching Diodes Silicon Epitaxial Planar
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TBAV99 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TBAV99 Datasheet HTML 1Page - Toshiba Semiconductor TBAV99 Datasheet HTML 2Page - Toshiba Semiconductor TBAV99 Datasheet HTML 3Page - Toshiba Semiconductor TBAV99 Datasheet HTML 4Page - Toshiba Semiconductor TBAV99 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TBAV99
2
4.
4.
4.
4. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Forward voltage
Reverse current
Total capacitance
Reverse recovery time
Symbol
VF(1)
VF(2)
VF(3)
VF(4)
IR(1)
IR(2)
Ct
trr
Test Condition
IF = 1 mA
IF = 10 mA
IF = 50 mA
IF = 150 mA
VR = 25 V
VR = 80 V
VR = 0 V, f = 1 MHz
IF = 10 mA
See Fig. 4.1.
Min
Typ.
Max
0.715
0.855
1.0
1.25
30
0.5
1.5
4.0
Unit
V
nA
µA
pF
ns
Fig.
Fig.
Fig.
Fig. 4.1
4.1
4.1
4.1 Reverse recovery time (t
Reverse recovery time (t
Reverse recovery time (t
Reverse recovery time (trr
rr
rr
rr
) Test circuit
) Test circuit
) Test circuit
) Test circuit
5.
5.
5.
5. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 5.1
5.1
5.1
5.1 Marking
Marking
Marking
Marking
6.
6.
6.
6. Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 SOT23 (Unit: mm)
SOT23 (Unit: mm)
SOT23 (Unit: mm)
SOT23 (Unit: mm)
2015-11-26
Rev.2.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com