Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402MM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402MM/NOPB
Description  0.5A Constant Current Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402MM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3402MM/NOPB Datasheet HTML 4Page - Texas Instruments LM3402MM/NOPB Datasheet HTML 5Page - Texas Instruments LM3402MM/NOPB Datasheet HTML 6Page - Texas Instruments LM3402MM/NOPB Datasheet HTML 7Page - Texas Instruments LM3402MM/NOPB Datasheet HTML 8Page - Texas Instruments LM3402MM/NOPB Datasheet HTML 9Page - Texas Instruments LM3402MM/NOPB Datasheet HTML 10Page - Texas Instruments LM3402MM/NOPB Datasheet HTML 11Page - Texas Instruments LM3402MM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
LM3402, LM3402HV
SNVS450F – SEPTEMBER 2006 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 7. TON vs VIN, RON = 100 kΩ (TA = 25°C)
Figure 8. TON vs VIN (TA = 25°C)
Figure 9. TON vs VIN, (TA = 25°C)
Figure 10. TON vs RON, LM3402 (TA = 25°C)
Figure 11. TON vs RON, LM3402HV (TA = 25°C)
Figure 12. VCC vs VIN (TA = 25°C)
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com