Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C5916004 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C5916004
Description  6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C5916004 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C5916004 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PI6C5916004 Rev C
10/27/2014
PI6C5916004
6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
DC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Core Power Supply Voltage
3.0
3.6
V
2.375
2.625
V
TA
Ambient Temperature
-40
85
oC
IDD
Core Power Supply Current
No load, max VDD
150
mA
RDIFF_IN
Differential Input Resistance
(REF_IN+ to REF_IN-)
90
100
110
Ω
VIH
Input High Voltage
1.2
VDD -0.9
V
VIL
Input Low Voltage
0.4
VIH-0.1
V
VIN
Input Voltage Swing
0.1
1.7
V
VDIFF_IN
Differential Input Swing
0.2
V
VREF-AC
Output Reference Voltage
VDD -1.5
VDD -1.3
VDD -1.15
V
LVCMOS/LVTTL DC Characteristics (TA = -40oC to +85oC, VDD = 2.5V ±5% to 3.3V ±10%)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Input High Voltage
2.0
VDD
V
VIL
Input Low Voltage
0
0.8
IIH
Input High Current
-125
20
μA
IIL
Input Low Current
-300
μA
Maximum Ratings (Over operating free-air temperature range)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Storage Temperature.............................................. -65ºC to+155ºC
Ambient Temperature with Power Applied.........-40ºC to+85ºC
3.3V Analog Supply Voltage..................................... -0.5 to +4.6V
ESD Protection (HBM) ......................................................... 2000V
14-0181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com