Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL201B Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6CFGL201B
Description  2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL201B Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6CFGL201B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
www.pericom.com
PI6CFGL201B
RevB
03/16/16
All trademarks are property of their respective owners.
PI6CFGL201B
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
Electrical Characteristics–Phase Jitter Parameters
(T
A = -40~85
o
C; VDD = 3.3V +/-10%; VDDO = 1.8V +/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min.
Type
INDUSTRY
LIMIT
Units
t
jphPCIeG1
1, 2, 3, 5
Phase Jitter, PCI
Express
PCIe Gen 1
30
86
ps
(p-p)
t
jphPCIeG2
1, 2, 5
PCIe Gen 2 Low Band
10kHz < f < 1.5MHz
0.5
3
ps
(rms)
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.2
3.1
ps
(rms)
t
jphPCIeG3
1, 2, 4, 5
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.46
1
ps
(rms)
Notes:
1. Guaranteed by design and characterization, not 100% tested in production.
2. See http://www.pcisig.com for complete specs.
3. Sample size of at least 100k cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4. Calculated from Intel-supplied Clock Jitter Tool.
5. Applies to all different outputs.
Electrical Characteristics–REF1.8
(T
A = -40~85
o
C; VDD = 3.3V +/-10%; VDDO = 1.8V +/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min. Type
Max. Units
ppm
Long Accuracy1,2
see Tperiod min-max values
0
ppm
T
period
Clock period1,2
25 MHz output nominal
40
ns
t
rf1
Rise/Fall Slew Rate1,3
V
OH = VDD-0.45V, VOL = 0.45V
0.5
2.5
V/ns
t
DC
Duty Cycle1,4
V
T = VDDO/2 V
45
55
%
t
DCD
Duty Cycle Distortion1,5
V
T = VDDO/2 V
0
3
%
t
jc-c
Jitter, cycle to cycle1,4
V
T = VDDO/2 V
250
ps
t
jdBc1k
Noise floor1,4
1kHz offset
-141
-120
dBc
t
jdBc10k
Noise floor1,4
10kHz offset to Nyquist
-150
-130
dBc
t
jphREF
Jitter, phase1,4
12kHz to 5MHz
0.46
1
ps
(rms)
Notes:
1. Guaranteed by design and characterization, not 100% tested in production.
2. All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF1.8 is trimmed to 25.00 MHz.
3. Typical value occurs when REF1.8 slew rate is set to default value.
4. When driven by a crystal.
5. When driven by an external oscillator via the XTAL_IN pin. XTALK_OUT should be floating in this case.
15-0134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com