Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL202B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6CFGL202B
Description  Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL202B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6CFGL202B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
PI6CFGL202B
Block Diagram
Phase
Lock
Loop
Crystal
Driver
VDD
GND
XTAL_IN or Ref CLK
XTAL_OUT
25 MHz
crystal or clock
Control
Logic
SS1:SS0
2
S1:S0
2
CLK0
CLK0
CLK1
CLK1
2
2
OE
Pulling
Capacitors
Pin Configuration (16-Pin TSSOP)
S0
S1
SS0
XTAL_IN
XTAL_OUT
OE
GNDX
SS1
VDDA3.3
CLK0
CLK0#
GNDA
VDDO
CLK1
CLK1#
VDDDIG3.3
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
PI6C557-03B
Description
The PI6CFGL202B is a spread spectrum clock generator compli-
ant to PCI Express® 3.0 and Ethernet requirements. The device is
used for PC or embedded systems to substantially reduce Electro-
magnetic Interference (EMI).
The PI6CFGL202B provides two differential (HCSL) or LVDS
spread spectrum outputs. The PI6CFGL202B is configured to se-
lect spread and clock selection. Using Pericom's patented Phase-
Locked Loop (PLL) techniques, the device takes a 25MHz crystal
input and produces two pairs of differential outputs (HCSL) at
25MHz, 100MHz, 125MHz and 200MHz clock frequencies. It
also provides spread selection of -0.5%, -0.75%, and no spread.
Features
Î
Î
PCIe® 3.0, 2.0 and 1.0 compliant
Î
Î
LVDS compatible outputs
Î
Î
Supply voltage of 3.3V ±10%
Î
Î
25MHz crystal or clock input frequency
Î
Î
Low power consumption with independent output power
supply 1.05V to 3.3V
Î
Î
Jitter 35ps cycle-to-cycle (typ)
Î
Î
Spread of -0.5%, -0.75%, and no spread
Î
Î
Industrial temperature range
Î
Î
Spread Bypass option available
Î
Î
Spread and frequency selection via external pins
Î
Î
Packaging: (Pb-free and Green)
à
16-pin TSSOP (L16)
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
15-0025


Similar Part No. - PI6CFGL202B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CFGL202BLIEX DIODES-PI6CFGL202BLIEX Datasheet
960Kb / 9P
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
PI6CFGL202B DIODES-PI6CFGL202B_V01 Datasheet
960Kb / 9P
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
More results

Similar Description - PI6CFGL202B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-03B PERICOM-PI6C557-03B Datasheet
837Kb / 9P
PCIe짰 3.0 Clock Generator with 2 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6CFGL402B PERICOM-PI6CFGL402B Datasheet
943Kb / 8P
Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6LC48H04 PERICOM-PI6LC48H04 Datasheet
1Mb / 11P
PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
logo
Diodes Incorporated
PI6CFGL202B DIODES-PI6CFGL202B_V01 Datasheet
960Kb / 9P
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com